Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTPS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28374DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374DPTPS Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28374DPTPS Datasheet HTML 1Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 2Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 3Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 4Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 5Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 6Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 7Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 8Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 212 page
background image
TMS320F28379D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880F – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
• Package Options:
• Temperature Options:
– Lead-Free, Green Packaging
– T: –40ºC to 105ºC Junction
– 337-Ball New Fine Pitch Ball Grid Array
– S: –40ºC to 125ºC Junction
(nFBGA) [ZWT Suffix]
– Q: –40ºC to 125ºC Free-Air
– 176-Pin PowerPAD™ Thermally Enhanced Low-
(Q100 Qualification for Automotive Applications)
Profile Quad Flatpack (HLQFP) [PTP Suffix]
– 100-Pin PowerPAD Thermally Enhanced Thin
Quad Flatpack (HTQFP) [PZP Suffix]
1.2
Applications
•
Industrial Drives
•
Smart Metering
•
Solar Micro Inverters and Converters
•
Automotive Transportation
•
Radar
•
Power Line Communications
•
Digital Power
1.3
Description
The Delfino™ TMS320F2837xD is a powerful 32-bit floating-point microcontroller unit (MCU) designed for
advanced closed-loop control applications such as industrial drives and servo motor control; solar
inverters and converters; digital power; transportation; and power line communications. Complete
development packages for digital power and industrial drives are available as part of the powerSUITE and
DesignDRIVE initiatives. While the Delfino product line is not new to the TMS320C2000™ portfolio, the
F2837xD supports a new dual-core C28x architecture that significantly boosts system performance. The
integrated analog and control peripherals also let designers consolidate control architectures and eliminate
multiprocessor use in high-end systems.
The dual real-time control subsystems are based on TI’s 32-bit C28x floating-point CPUs, which provide
200 MHz of signal processing performance in each core. The C28x CPUs are further boosted by the new
TMU accelerator, which enables fast execution of algorithms with trigonometric operations common in
transforms and torque loop calculations; and the VCU accelerator, which reduces the time for complex
math operations common in encoded applications.
The F2837xD microcontroller family features two CLA real-time control co-processors. The CLA is an
independent 32-bit floating-point processor that runs at the same speed as the main CPU. The CLA
responds to peripheral triggers and executes code concurrently with the main C28x CPU. This parallel
processing capability can effectively double the computational performance of a real-time control system.
By using the CLA to service time-critical functions, the main C28x CPU is free to perform other tasks, such
as communications and diagnostics. The dual C28x+CLA architecture enables intelligent partitioning
between various system tasks. For example, one C28x+CLA core can be used to track speed and
position, while the other C28x+CLA core can be used to control torque and current loops.
The TMS320F2837xD supports up to 1MB (512KW) of onboard flash memory with error correction code
(ECC) and up to 204KB (102KW) of SRAM. Two 128-bit secure zones are also available on each CPU for
code protection.
Performance analog and control peripherals are also integrated on the F2837xD MCU to further enable
system consolidation. Four independent 16-bit ADCs provide precise and efficient management of multiple
analog signals, which ultimately boosts system throughput. The new sigma-delta filter module (SDFM)
works in conjunction with the sigma-delta modulator to enable isolated current shunt measurements. The
Comparator Subsystem (CMPSS) with windowed comparators allows for protection of power stages when
current limit conditions are exceeded or not met. Other analog and control peripherals include DACs,
PWMs, eCAPs, eQEPs, and other peripherals.
The Configurable Logic Block (CLB) lets TI offer additional interfacing and control features for select
C2000™ devices. See Table 3-1 for the devices that support the CLB feature.
2
Device Overview
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com