Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTPS Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28374DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374DPTPS Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320F28374DPTPS Datasheet HTML 53Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 54Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 55Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 56Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 57Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 58Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 59Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 60Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 212 page
background image
TMS320F28379D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880F – DECEMBER 2013 – REVISED NOVEMBER 2015
5.7.3
Clock Specifications
5.7.3.1
Clock Sources
Table 5-6 lists four possible clock sources. Figure 5-7 provides an overview of the device's clocking
system.
Table 5-6. Possible Reference Clock Sources
CLOCK SOURCE
MODULES CLOCKED
COMMENTS
INTOSC1
Can be used to provide clock for:
Internal oscillator 1.
Zero-pin overhead 10-MHz internal oscillator.
•
Watchdog block
•
Main PLL
•
CPU-Timer 2
INTOSC2(1)
Can be used to provide clock for:
Internal oscillator 2.
Zero-pin overhead 10-MHz internal oscillator.
•
Main PLL
•
Auxiliary PLL
•
CPU-Timer 2
XTAL
Can be used to provide clock for:
External crystal or resonator connected between the X1 and X2 pins
or single-ended clock connected to the X1 pin.
•
Main PLL
•
Auxiliary PLL
•
CPU-Timer 2
AUXCLKIN
Can be used to provide clock for:
Single-ended 3.3-V level clock source. GPIO133/AUXCLKIN pin
should be used to provide the input clock.
•
Auxiliary PLL
•
CPU-Timer 2
(1)
On reset, internal oscillator 2 (INTOSC2) is the default clock source for both system PLL (OSCCLK) and auxiliary PLL (AUXOSCCLK).
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
57
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com