Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTPS Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28374DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374DPTPS Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F28374DPTPS Datasheet HTML 79Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 80Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 81Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 82Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 83Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 84Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 85Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 86Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 212 page
background image
TMS320F28379D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880F – DECEMBER 2013 – REVISED NOVEMBER 2015
5.7.9.3
EMIF Electrical Data and Timing
5.7.9.3.1 Asynchronous RAM
Table 5-37 shows the EMIF asynchronous memory timing requirements. Table 5-38 shows the EMIF
asynchronous memory switching characteristics. Figure 5-20 through Figure 5-23 show the EMIF
asynchronous memory timing diagrams.
Table 5-37. EMIF Asynchronous Memory Timing Requirements
NO.
MIN
MAX
UNIT
Reads and Writes
E
EMIF clock period
tc(SYSCLK)
ns
Pulse duration, EMxWAIT assertion and
2
tw(EM_WAIT)
2E
ns
deassertion
Reads
12
tsu(EMDV-EMOEH)
Setup time, EMxD[y:0] valid before EMxOE high
15
ns
13
th(EMOEH-EMDIV)
Hold time, EMxD[y:0] valid after EMxOE high
0
ns
Setup Time, EMxWAIT asserted before end of
14
tsu(EMOEL-EMWAIT)
4E
ns
Strobe Phase(1)
Writes
Setup Time, EMxWAIT asserted before end of
28
tsu(EMWEL-EMWAIT)
4E
ns
Strobe Phase(1)
(1)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EMxWAIT must be asserted to add extended
wait states. Figure 5-21 and Figure 5-23 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
Table 5-38. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3)
NO.
PARAMETER
MIN
MAX
UNIT
Reads and Writes
1
td(TURNAROUND)
Turn around time
(TA)*E–3
(TA)*E+2
ns
Reads
EMIF read cycle time (EW = 0)
(RS+RST+RH+2)*E–3
(RS+RST+RH+2)*E+2
ns
3
tc(EMRCYCLE)
(RS+RST+RH+2+
(RS+RST+RH+2+
EMIF read cycle time (EW = 1)
ns
(EWC*16))*E–3
(EWC*16))*E+2
Output setup time, EMxCS[y:2] low
(RS)*E–3
(RS)*E+2
ns
to EMxOE low (SS = 0)
4
tsu(EMCEL-EMOEL)
Output setup time, EMxCS[y:2] low
–3
2
ns
to EMxOE low (SS = 1)
Output hold time, EMxOE high to
(RH)*E–3
(RH)*E
ns
EMxCS[y:2] high (SS = 0)
5
th(EMOEH-EMCEH)
Output hold time, EMxOE high to
–3
0
ns
EMxCS[y:2] high (SS = 1)
Output setup time, EMxBA[y:0]
6
tsu(EMBAV-EMOEL)
(RS)*E–3
(RS)*E+2
ns
valid to EMxOE low
Output hold time, EMxOE high to
7
th(EMOEH-EMBAIV)
(RH)*E–3
(RH)*E
ns
EMxBA[y:0] invalid
Output setup time, EMxA[y:0] valid
8
tsu(EMAV-EMOEL)
(RS)*E–3
(RS)*E+2
ns
to EMxOE low
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold,
MEWC = Maximum external wait cycles. These parameters are programmed through the Asynchronous Bank and Asynchronous Wait
Cycle Configuration Registers. These support the following ranges of values: TA[4–1], RS[16–1], RST[64–4], RH[8–1], WS[16–1],
WST[64–1], WH[8–1], and MEWC[1–256]. See the TMS320F2837xD Dual-Core Delfino Microcontrollers Technical Reference Manual
(SPRUHM8) for more information.
(2)
E = EMxCLK period in ns.
(3)
EWC = external wait cycles determined by EMxWAIT input signal. EWC supports the following range of values. EWC[256–1]. Note that
the maximum wait time before time-out is specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register. See the
TMS320F2837xD Dual-Core Delfino Microcontrollers Technical Reference Manual (SPRUHM8) for more information.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
83
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com