Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTPS Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28374DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374DPTPS Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320F28374DPTPS Datasheet HTML 28Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 29Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 30Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 31Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 32Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 33Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 34Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 35Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 212 page
background image
TMS320F28379D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880F – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
Table 4-1. Signal Descriptions (continued)
TERMINAL
ZWT
PTP
PZP
I/O/Z(1)
DESCRIPTION
MUX
NAME
BALL
PIN
PIN
POSITION
NO.
NO.
NO.
GPIO158
0, 4, 8, 12
I/O
General-purpose input/output 158
C10
–
–
EPWM7B
1
O
Enhanced PWM7 output B (HRPWM-capable)
GPIO159
0, 4, 8, 12
I/O
General-purpose input/output 159
D10
–
–
EPWM8A
1
O
Enhanced PWM8 output A (HRPWM-capable)
GPIO160
0, 4, 8, 12
I/O
General-purpose input/output 160
B9
–
–
EPWM8B
1
O
Enhanced PWM8 output B (HRPWM-capable)
GPIO161
0, 4, 8, 12
I/O
General-purpose input/output 161
C9
–
–
EPWM9A
1
O
Enhanced PWM9 output A
GPIO162
0, 4, 8, 12
I/O
General-purpose input/output 162
D9
–
–
EPWM9B
1
O
Enhanced PWM9 output B
GPIO163
0, 4, 8, 12
I/O
General-purpose input/output 163
A8
–
–
EPWM10A
1
O
Enhanced PWM10 output A
GPIO164
0, 4, 8, 12
I/O
General-purpose input/output 164
B8
–
–
EPWM10B
1
O
Enhanced PWM10 output B
GPIO165
0, 4, 8, 12
I/O
General-purpose input/output 165
C5
–
–
EPWM11A
1
O
Enhanced PWM11 output A
GPIO166
0, 4, 8, 12
I/O
General-purpose input/output 166
D5
–
–
EPWM11B
1
O
Enhanced PWM11 output B
GPIO167
0, 4, 8, 12
I/O
General-purpose input/output 167
C4
–
–
EPWM12A
1
O
Enhanced PWM12 output A
GPIO168
0, 4, 8, 12
I/O
General-purpose input/output 168
D4
–
–
EPWM12B
1
O
Enhanced PWM12 output B
RESET
Device Reset (in) and Watchdog Reset (out). The
devices have a built-in power-on reset (POR) circuit.
During a power-on condition, this pin is driven low by the
device. An external circuit may also drive this pin to
assert a device reset. This pin is also driven low by the
MCU when a watchdog reset or NMI watchdog reset
occurs. During watchdog reset, the XRS pin is driven low
XRS
F19
124
69
I/OD
for the watchdog reset duration of 512 OSCCLK cycles.
A resistor with a value from 2.2 k
Ω to 10 kΩ should be
placed between XRS and VDDIO. If a capacitor is placed
between XRS and VSS for noise filtering, it should be
100 nF or smaller. These values will allow the watchdog
to properly drive the XRS pin to VOL within 512 OSCCLK
cycles when the watchdog reset is asserted. The output
buffer of this pin is an open drain with an internal pullup.
CLOCKS
On-chip crystal-oscillator input. To use this oscillator, a
quartz crystal must be connected across X1 and X2. If
X1
G19
123
68
I
this pin is not used, it must be tied to GND.
This pin can also be used to feed a single-ended 3.3-V
level clock. In this case, X2 is a No Connect (NC).
On-chip crystal-oscillator output. A quartz crystal may be
X2
J19
121
66
O
connected across X1 and X2. If X2 is not used, it must
be left unconnected.
NO CONNECT
No connect. BGA ball is electrically open and not
NC
H4
–
–
connected to the die.
32
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com