Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTPS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28374DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28374DPTPS Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28374DPTPS Datasheet HTML 1Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 2Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 3Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 4Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 5Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 6Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 7Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 8Page - Texas Instruments TMS320F28374DPTPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 212 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS320F28379D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880F – DECEMBER 2013 – REVISED NOVEMBER 2015
TMS320F2837xD Dual-Core Delfino™ Microcontrollers
1
Device Overview
1.1
Features
1
– Two Multichannel Buffered Serial Ports
• Dual-Core Architecture
(McBSPs)
– Two TMS320C28x 32-Bit CPUs
– Four Serial Communications Interfaces
– 200 MHz
(SCI/UART) (Pin-Bootable)
– IEEE 754 Single-Precision Floating-Point Unit
– Two I2C Interfaces (Pin-Bootable)
(FPU)
• Analog Subsystem
– Trigonometric Math Unit (TMU)
– Up to Four Analog-to-Digital Converters (ADCs)
– Viterbi/Complex Math Unit (VCU-II)
•
16-Bit Mode
• Two Programmable Control Law Accelerators
–
1.1 MSPS Each (up to 4.4-MSPS System
(CLAs)
Throughput)
– 200 MHz
–
Differential Inputs
– IEEE 754 Single-Precision Floating-Point
–
Up to 12 External Channels
Instructions
•
12-Bit Mode
– Executes Code Independently of Main CPU
–
3.5 MSPS Each (up to 14-MSPS System
• On-Chip Memory
Throughput)
– 512KB (256KW) or 1MB (512KW) of Flash
–
Single-Ended Inputs
(ECC-Protected)
–
Up to 24 External Channels
– 172KB (86KW) or 204KB (102KW) of RAM
(ECC-Protected or Parity-Protected)
•
Single Sample-and-Hold (S/H) on Each ADC
– Dual-Zone Security Supporting Third-Party
•
Hardware-Integrated Post-Processing of
Development
ADC Conversions
• Clock and System Control
–
Saturating Offset Calibration
– Two Internal Zero-Pin 10-MHz Oscillators
–
Error From Setpoint Calculation
– On-Chip Crystal Oscillator
–
High, Low, and Zero-Crossing Compare,
With Interrupt Capability
– Windowed Watchdog Timer Module
–
Trigger-to-Sample Delay Capture
– Missing Clock Detection Circuitry
– Eight Windowed Comparators With 12-Bit
• 1.2-V Core, 3.3-V I/O Design
Digital-to-Analog Converter (DAC) References
• System Peripherals
– Three 12-Bit Buffered DAC Outputs
– Two External Memory Interfaces (EMIFs) With
• Enhanced Control Peripherals
ASRAM and SDRAM Support
– 24 Pulse Width Modulator (PWM) Channels
– Dual 6-Channel Direct Memory Access (DMA)
With Enhanced Features
Controllers
– 16 High-Resolution Pulse Width Modulator
– Up to 169 Individually Programmable,
(HRPWM) Channels
Multiplexed General-Purpose Input/Output
(GPIO) Pins With Input Filtering
•
High Resolution on Both A and B Channels
of 8 PWM Modules
– Expanded Peripheral Interrupt Controller (ePIE)
•
Dead-Band Support (on Both Standard and
– Multiple Low-Power Mode (LPM) Support With
High Resolution)
External Wakeup
– Six Enhanced Capture (eCAP) Modules
• Communications Peripherals
– Three Enhanced Quadrature Encoder Pulse
– USB 2.0 (MAC + PHY)
(eQEP) Modules
– Support for 12-Pin 3.3 V-Compatible Universal
– Eight Sigma-Delta Filter Module (SDFM) Input
Parallel Port (uPP) Interface
Channels, 2 Parallel Filters per Channel
– Two Controller Area Network (CAN) Modules
(Pin-Bootable)
•
Standard SDFM Data Filtering
– Three High-Speed (up to 50-MHz) SPI Ports
•
Comparator Filter for Fast Action for Out of
(Pin-Bootable)
Range
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320F28374DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28374DPTPS TI1-TMS320F28374DPTPS Datasheet
2Mb / 222P
Dual-Core Delfino Microcontrollers
TMS320F28374DPTPS TI1-TMS320F28374DPTPS Datasheet
2Mb / 222P
TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28374DPTPS TI-TMS320F28374DPTPS Datasheet
5Mb / 226P
TMS320F2837xD Dual-Core Microcontrollers
TMS320F28374DPTPS TI-TMS320F28374DPTPS Datasheet
5Mb / 226P
TMS320F2837xD Dual-Core Microcontrollers
More results

Similar Description - TMS320F28374DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D Datasheet
1Mb / 110P
TMS320F2837XD Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
TMS320C2834x Delfino Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com