Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 34 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 34 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 30Page - Semtech Corporation SX8661Z Datasheet HTML 31Page - Semtech Corporation SX8661Z Datasheet HTML 32Page - Semtech Corporation SX8661Z Datasheet HTML 33Page - Semtech Corporation SX8661Z Datasheet HTML 34Page - Semtech Corporation SX8661Z Datasheet HTML 35Page - Semtech Corporation SX8661Z Datasheet HTML 36Page - Semtech Corporation SX8661Z Datasheet HTML 37Page - Semtech Corporation SX8661Z Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
34
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
time
sd1
sd2
sd1
sd2
sd1
sd2
no prox, no touch
prox entered, no touch
prox left, no touch
d1
d2
inc_prox
dec_prox
del_prox
int_prox
Figure 37
LEDs in triple reporting mode proximity
Figure 37 shows an example of proximity detection and the reporting on LEDs. As soon as proximity is detected
all LEDs (2 LEDs are shown for simplicity) will fade in and stop at the proximity intensity level. In case proximity is
not detected anymore then the LEDs remain at the proximity intensity for a configurable time and then the fading
out will start.
time
sd1
sd2
sd1
sd2
sd1
sd2
no prox, no touch
prox entered, rapid touch
no touch, prox left rapidly
d1
d2
inc_prox
dec_touch
del_touch
int_touch
inc_touch
del_prox
dec_prox
∆
int_prox
int_prox
Figure 38
LEDs in triple reporting mode proximity and touch
Figure 38 shows an example of proximity detection followed by a rapid touch on the sensor sd1.
The LEDs d1 and d2 will fade in as soon as proximity is detected (using the Inc_Prox parameter).
As soon as the finger touches the sensor sd1 the fading in of d1 will go to the ON intensity (using the touch
increment parameter).
The LED d2 remains at the proximity intensity level as sensors sd2 is not touched.
If the finger is removed rapidly the fading out of d1 will first use the touch decrement parameter to the proximity
intensity level. If the finger leaves the proximity region d1 and 2 will fade out simultaneously using the proximity
delay and decrement parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com