Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 22 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 18Page - Semtech Corporation SX8661Z Datasheet HTML 19Page - Semtech Corporation SX8661Z Datasheet HTML 20Page - Semtech Corporation SX8661Z Datasheet HTML 21Page - Semtech Corporation SX8661Z Datasheet HTML 22Page - Semtech Corporation SX8661Z Datasheet HTML 23Page - Semtech Corporation SX8661Z Datasheet HTML 24Page - Semtech Corporation SX8661Z Datasheet HTML 25Page - Semtech Corporation SX8661Z Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
22
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.10 Processing
The first processing step of the raw ticks, coming out of the ASI, is low pass filtering to obtain an estimation of the
average capacitance: tick-ave (see Figure 17).
This slowly varying average is important in the detection of slowly changing environmental changes.
ticks (raw)
compensation DCV
ASI
processing
low pass
tick-diff
tick-ave
processing
GPIO
controller
PWM LED
controller
I2C
SPM
Figure 17
Processing
The difference of the tick average and the raw ticks, tick-diff, is a good estimation of rapid changing input
capacitances.
The tick-diff, tick-ave and the configuration parameters in the SPM are then processed and determines the sensor
information, I2C registers status and PWM control.
3.11 Configuration
Figure 18 shows the building blocks used for configuring the SX8661Z.
micro
processor
MTP
NVM
I2C
SX8661Z
HOST
SPM
QSM
Figure 18
Configuration
The default configuration parameters of the SX8661Z are stored in the Quick Start Memory (QSM). This
configuration data is setup to a very common application for the SX8661Z with 8 buttons. Without any
programming or host interaction the SX8661Z will start up in the Quick Start Application.
The QSM settings are fixed and cannot be changed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com