Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 14 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 10Page - Semtech Corporation SX8661Z Datasheet HTML 11Page - Semtech Corporation SX8661Z Datasheet HTML 12Page - Semtech Corporation SX8661Z Datasheet HTML 13Page - Semtech Corporation SX8661Z Datasheet HTML 14Page - Semtech Corporation SX8661Z Datasheet HTML 15Page - Semtech Corporation SX8661Z Datasheet HTML 16Page - Semtech Corporation SX8661Z Datasheet HTML 17Page - Semtech Corporation SX8661Z Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
14
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.3
Operation modes
The SX8661Z has 3 operation modes. The main difference is found in the reaction time (corresponding to the
scan period) and power consumption.
Active mode offers fast scan periods. The typical reaction time is 30ms. All enabled sensors are scanned and
information data is processed within this interval.
Doze mode increases the scan period time which increases the reaction time to 195ms typical and at the same
time reduces the operating current.
Sleep mode turns the SX8661Z OFF, except for the I2C peripheral, minimizing operating current while
maintaining the power supplies. In Sleep mode the SX8661Z does not do any sensor scanning. The Sleep mode
will be exited by any I2C access.
The user can specify other scan periods for the Active and Doze mode and decide for other compromises
between reaction time and power consumption.
In most applications the reaction time needs to be fast when fingers are present, but can be slow when no person
uses the application. In case the SX8661Z is not used for a specific time it will go from Active mode into Doze
mode and power will be saved. This time-out is determined by the Passive Timer which can be configured by the
user or turned OFF if not required.
To leave Doze mode and enter Active mode this can be done by a simple touch on any button.
The host can decide to force the operating mode by issuing commands over the I2C (using register GpioOpMode)
and take fully control of the SX8661Z. The diagram in Figure 7 shows the available operation modes and the
possible transitions.
ACTIVE mode
DOZE mode
SLEEP mode
I2Ccmd
OR proximity
OR touch any button
any I2C access
I2C cmd
I2C cmd
I2C cmd
Power On
I2C cmd
passive
timeout
'I2C cmd' - write to GpioOpmode[1:0]
Figure 7
Operation modes
3.4
Sensors on the PCB
The capacitive sensors are relatively simple copper areas on the PCB connected to the eight SX8661Z capacitive
sensor input pins (CAP0…CAP7).The sensors are covered by isolating overlay material (typically 1mm...3mm).
The area of a sensor is typically one square centimetre which corresponds about to the area of a finger touching
the overlay material. The area of a proximity sensor is usually a factor larger as the smaller touch sensors.
The capacitive sensors can be setup as ON/OFF buttons for touch sensing and CAP0 offers additionally proximity
sensing (see example Figure 8) for control applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com