Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 55 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 55 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 51Page - Semtech Corporation SX8661Z Datasheet HTML 52Page - Semtech Corporation SX8661Z Datasheet HTML 53Page - Semtech Corporation SX8661Z Datasheet HTML 54Page - Semtech Corporation SX8661Z Datasheet HTML 55Page - Semtech Corporation SX8661Z Datasheet HTML 56Page - Semtech Corporation SX8661Z Datasheet HTML 57Page - Semtech Corporation SX8661Z Datasheet HTML 58Page - Semtech Corporation SX8661Z Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
55
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
CapThreshold + CapThreshold * hysteresis.
A release is detected if the ticks are getting smaller as the value defined by:
CapThreshold - CapThreshold * hysteresis.
BtnStuckAtTimeout
The stuckat timer can avoid sticky buttons.
If the stuckat timer is set to one second then the touch of a finger will last only for one second and then a
compensation will be performed and button hence considered released, even if the finger remains on the
button for a longer time. After the actual finger release the button can be touched again and will be reported as
usual.
In case the stuckat timer is not required it can be set to zero.
BtnStrongestHysteresis
This parameter defines the hysteresis value for the adjacent button filtering engine. This parameter is only
valid when BtnCfg has been configured to report the strongest touch.
When the SX8661Z device has been configured to report the strongest touch, a situation may arise where the
CAP signals of two sensors are of approximately equal value. Environmental noise can cause the signals of
these two sensors to fluctuate as shown in Figure 55 (b).
As a result of that, the output of the SX8661Z device would also change very quickly as each of the two
sensors becomes the sensor with the strongest touch value. To eliminate this jitter, the SX8661Z device adds
a hysteresis element to the calculation of the strongest touch sensor. In that respect, the strongest CAP sensor
is calculated as the sensor whose value is greater that the second detected strongest CAP sensor by the
Strongest hysteresis amount.
For example, as shown in Figure 55, the strongest CAP sensor is initially CAP0 (Figure 55 (b)). CAP1
becomes the strongest detected touch only if at some point in time the following holds true:
CAP1 signal = CAP0 signal + StrongestHysteresis
Similarly, if CAP2 is now also touched, it will only become the strongest detected touch if:
CAP2 signal = CAP1 signal + StrongestHysteresis.
BtnLongPressTimer
Figure 53
Strongest touch and Hysteresis
(a)
(b)
Fluctuation
Strongest
Hysteresis
CAP1
CAP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com