Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 24 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 20Page - Semtech Corporation SX8661Z Datasheet HTML 21Page - Semtech Corporation SX8661Z Datasheet HTML 22Page - Semtech Corporation SX8661Z Datasheet HTML 23Page - Semtech Corporation SX8661Z Datasheet HTML 24Page - Semtech Corporation SX8661Z Datasheet HTML 25Page - Semtech Corporation SX8661Z Datasheet HTML 26Page - Semtech Corporation SX8661Z Datasheet HTML 27Page - Semtech Corporation SX8661Z Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
24
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
micro
processor
MTP
NVM
I2C
HOST
SPM
1
2
SX8661Z
Figure 20
Host NVM mode
The writing of the host towards the NVM is not done directly but done in 2 steps (Figure 20).
In the first step the host writes to the SPM (as in Figure 19). In the second step the host signals the SX8661Z to
copy the SPM content into the NVM.
Initially the NVM memory is empty and it is required to determine a valid parameter set for the application. This
can be done during the development phase using dedicated evaluation hardware representing the final
application. This development phase uses probably initially the host SPM mode which allows faster iterations.
Once the parameter set is determined this can be written to the NVM over the I2C using the 2 steps approach by
the host or a dedicated programmer for large volumes production (as described in the paragraphs 6.6 and 6.7).
3.12 Power Management
The SX8661Z uses on-chip voltage regulators which are controlled by the on-chip microprocessor. The regulators
need to be stabilized with an external capacitor between VANA and ground and between VDIG and ground (see
Table 5). Both regulators are designed to only drive the SX8661Z internal circuitry and must not be loaded
externally.
3.13 Clock Circuitry
The SX8661Z has its own internal clock generation circuitry that does not require any external components. The
clock circuitry is optimized for low power operation and is controlled by the on-chip microprocessor. The typical
operating frequency of the oscillating core is 16.7MHz from which all other lower frequencies are derived.
3.14 I2C interface
The I2C interface allows the communication between the host and the SX8661Z.
The I2C slave implemented on the SX8661Z is compliant with the standard (100kb/s) and fast mode (400kb/s)
The default SX8661Z I2C address equals 0b010 1011.
A different I2C address can be programmed by the user in the NVM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com