Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 35 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 35 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 31Page - Semtech Corporation SX8661Z Datasheet HTML 32Page - Semtech Corporation SX8661Z Datasheet HTML 33Page - Semtech Corporation SX8661Z Datasheet HTML 34Page - Semtech Corporation SX8661Z Datasheet HTML 35Page - Semtech Corporation SX8661Z Datasheet HTML 36Page - Semtech Corporation SX8661Z Datasheet HTML 37Page - Semtech Corporation SX8661Z Datasheet HTML 38Page - Semtech Corporation SX8661Z Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
35
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
4
PIN DESCRIPTIONS
4.1
Introduction
This chapter describes briefly the pins of the SX8661Z, the way the pins are protected, if the pins are analog,
digital, require pull up or pull down resistors and show control signals if these are available.
4.2
ASI pins
CAP0, CAP1,...,CAP7
The capacitance sensor pins (CAP0, CAP1,...,CAP7) are connected directly to the ASI circuitry which converts
the sensed capacitance into digital values.
The capacitance sensor pins which are not used should be left open.
The enabled CAP pins need be connected directly to the sensors without significant resistance (typical below
some ohms, connection vias are allowed).
The capacitance sensor pins are protected to VANA and GROUND.
Figure 39 shows the simplified diagram of the CAP0, CAP1,...CAP7 pins.
SX8661Z
sensor
ASI
CAPx
CAP_INx
VANA
Note : x = 0, 1,2,…7
Figure 39
Simplified diagram of CAP0, CAP1,...,CAP7
CN, CP
The CN and the CP pins are connected to the ASI circuitry. A 1nF sampling capacitor between CP and CN needs
to be placed as close as possible to the SX8661Z.
The CN and CP are protected to VANA and GROUND.
Figure 40 shows the simplified diagram of the CN and CP pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com