Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 67 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 67 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 63Page - Semtech Corporation SX8661Z Datasheet HTML 64Page - Semtech Corporation SX8661Z Datasheet HTML 65Page - Semtech Corporation SX8661Z Datasheet HTML 66Page - Semtech Corporation SX8661Z Datasheet HTML 67Page - Semtech Corporation SX8661Z Datasheet HTML 68Page - Semtech Corporation SX8661Z Datasheet HTML 69Page - Semtech Corporation SX8661Z Datasheet HTML 70Page - Semtech Corporation SX8661Z Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
67
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.2
I2C read
The format of the I2C read is given in Figure 55.
After the start condition [S], the slave address (SA) is sent, followed by an eighth bit (‘0’) indicating a Write. The
SX8661Z then acknowledges [A] that it is being addressed, and the master responds with an 8 bit data consisting
of the Register Address (RA). The slave acknowledges [A] and the master sends the Repeated Start Condition
[Sr]. Once again, the slave address (SA) is sent, followed by an eighth bit (‘1’) indicating a Read.
The SX8661Z responds with acknowledge [A] and the Read Data byte (RD0). If the master needs to read more
data it will acknowledge [A] and the SX8661Z will send the next read byte (RD1). This sequence can be repeated
until the master terminates with a NACK [N] followed by a stop [P].
S
SA
0
RA
A
A
Sr
N
S:
Start condition
SA:
Slave Address
Sr:
Repeated Start condition
A:
Acknowledge
N:
Not Acknowledge (terminating read stream)
RA:
Register Address
RDn: Read Data byte (0...n)
P:
Stop condition
from master to slave
from slave to master
RD0
A
optional
SA
1 A
RD1
optional
RDn
A
P
Figure 55
I2C read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com