Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661Z Datasheet(PDF) 31 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 31 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 27Page - Semtech Corporation SX8661Z Datasheet HTML 28Page - Semtech Corporation SX8661Z Datasheet HTML 29Page - Semtech Corporation SX8661Z Datasheet HTML 30Page - Semtech Corporation SX8661Z Datasheet HTML 31Page - Semtech Corporation SX8661Z Datasheet HTML 32Page - Semtech Corporation SX8661Z Datasheet HTML 33Page - Semtech Corporation SX8661Z Datasheet HTML 34Page - Semtech Corporation SX8661Z Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
31
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
The fading out (e.g. after a button is released) is identical to the fading in but an additional off delay can be added
before the fading starts (Figure 33 and Figure 34).
intensity OFF
intensity ON
fading steps
dec. time
trigger
time
time
intensity OFF
intensity ON
fading steps
(b)
trigger
off delay
dec. time
off delay
Figure 33
GPO OFF transition (LED fade out), normal polarity, (a) linear, (b) logarithmic
time
intensity OFF
intensity ON
fading steps
dec. time
(a)
trigger
time
intensity OFF
intensity ON
fading steps
dec. time
(b)
trigger
off delay
off delay
Figure 34
GPO OFF transition (LED fade out), inverted polarity, (a) linear, (b) logarithmic
Please note that standard high/low logic signals are just a specific case of GPO mode and can also be generated
simply by setting inc/dec time to 0 (i.e. OFF) and programming intensity OFF/ON to 0x00 and 0xFF.
3.17.3 GPO Fading
The SX8661Z supports two different fading modes, namely Single and Continuous. These fading modes can be
configured for each GPIO individually. Please see 5.9 “GPIO Parameters” for more information on how to
configure this feature.
i) Single Fading Mode:
The GPO pin fades in when the associated button is touched and it fades out when it is released. This is shown in
Figure 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com