Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6263 Datasheet HTML 1Page - Infineon Technologies AG TLE6263 Datasheet HTML 2Page - Infineon Technologies AG TLE6263 Datasheet HTML 3Page - Infineon Technologies AG TLE6263 Datasheet HTML 4Page - Infineon Technologies AG TLE6263 Datasheet HTML 5Page - Infineon Technologies AG TLE6263 Datasheet HTML 6Page - Infineon Technologies AG TLE6263 Datasheet HTML 7Page - Infineon Technologies AG TLE6263 Datasheet HTML 8Page - Infineon Technologies AG TLE6263 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
5
2004-06-07
15
VS
Power supply input; block to GND directly at the IC with ceramic
capacitor
16
SI
Sense comparator input; for monitoring of external voltages, to
program the detection level connect external voltage divider
17
FSO
Fail safe output; to supervise and control critical applications,
high when watchdog is correctly served, LOW at any reset
condition, open drain output, internal pull up, active LOW
18
VCI
Internal voltage supply; for stabilization of internal power
supply, block to GND with an external capacitor CVI ≥ 100 nF
19
VCC
Voltage regulator output; for 5V supply, to stabilize block to
GND with an external capacitor CQ ≥ 100 nF
24
CANL
CAN-L bus line; LOW in dominant state
25
RTL
CANL-Termination output; connect to CANL bus line via
termination resistor
26
CANH
CAN-H bus line; HIGH in dominant state
27
RTH
CANH-Termination input; connect to CANH bus line via
termination resistor
28
INT
Interrupt output; to monitor wake-up events or valid sense input
condition; integrated pull up resistor; active LOW
4
Pin Definitions and Functions (cont’d)
Pin No.
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com