Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 4Page - Infineon Technologies AG TLE6263 Datasheet HTML 5Page - Infineon Technologies AG TLE6263 Datasheet HTML 6Page - Infineon Technologies AG TLE6263 Datasheet HTML 7Page - Infineon Technologies AG TLE6263 Datasheet HTML 8Page - Infineon Technologies AG TLE6263 Datasheet HTML 9Page - Infineon Technologies AG TLE6263 Datasheet HTML 10Page - Infineon Technologies AG TLE6263 Datasheet HTML 11Page - Infineon Technologies AG TLE6263 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
8
2004-06-07
6.1
Operation Modes
The TLE 6263 offers four different operation modes that are controlled via the SPI
interface (NSTB= SPI Input Bit3, ENT=SPI Input Bit2): the normal operation mode, the
receive-only mode, the Vbat stand-by mode and the sleep operation mode. Please see
the state diagram (figure 3).
Normal and Receive only Mode
In the normal operation mode both is possible, receiving and transmitting of messages,
in the receive-only mode (RxD-only mode) the output stages are disabled which doesn’t
allow the CAN controller to send a message to the bus. In the state diagram (figure 3),
VCC is the status of the voltage regulator.
Figure 3:
State Diagram
Vbat stand-by mode and sleep mode
In the Vbat stand-by mode and sleep mode the RTL output voltage is switched to VS.
Both modes are low power modes. In the sleep mode the whole application is switched
SPI Input Bits:
IBit2 = ENT
IBit3 = NSTB
HS cyclic
sense
NSTB
OFF
V
CC
ENT
01
HS Switch = ON
V
bat Stand-By
NSTB
ON
V
CC
ENT
00
RxD = LOW if a wake up
occured by WK1, WK2
or CAN message
NSTB
ON
V
CC
ENT
10
RxD-Only
Start Up
Power Up
2) NSTB
2) ENT
0
1
Wake Up =
transition on
WK1 or WK 2
for t > t
WU
or
CAN message
2) NSTB
0
2) NSTB
ENT
or
V
CC
0
0
V
RT
2) NSTB
or
V
CC
0
V
RT
Normal Mode
NSTB
ON
V
CC
ENT
11
Sleep
NSTB
OFF
V
CC
ENT
01
HS switch = OFF
1) automatic repeated transition only if
HS cycl sense feature is selected
by SPI IBit 4
2) NSTB and ENT are both SPI Input
Bits (IBits)
1) after 64ms
1) after 500µs
Sleep Mode
Power
Down
2) ENT
0
2) ENT
1
2) ENT
1
2) NSTB
ENT
1
1
2) NSTB
1
HS cyclic
sense
NSTB
ON
V
CC
ENT
01
HS Switch = ON
1) after 64ms
1) after 500µs
V
bat Stand-By Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com