Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 16Page - Infineon Technologies AG TLE6263 Datasheet HTML 17Page - Infineon Technologies AG TLE6263 Datasheet HTML 18Page - Infineon Technologies AG TLE6263 Datasheet HTML 19Page - Infineon Technologies AG TLE6263 Datasheet HTML 20Page - Infineon Technologies AG TLE6263 Datasheet HTML 21Page - Infineon Technologies AG TLE6263 Datasheet HTML 22Page - Infineon Technologies AG TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
20
2004-06-07
7.2
Operating Range
Parameter
Symbol
Limit Values Unit
Remarks
min.
max.
Supply voltage
V
S
V
UV OFF
20
V
After VS rising above
VUV ON
Supply voltage
V
S
V
UV OFF
40
V
thermally limited
Supply voltage slew rate
d
V
S /dt
–0.5
5
V/
µs
Logic input voltage (DI, CLK,
CSN, TxD)
V
I
– 0.3
V
CC
V
Output capacitor
C
CC
100
nF
Output capacitor
C
VI
100
460
nF
SPI clock frequency
f
clk
1.5
MHz
Junction temperature
T
j
– 40
150
°C
Thermal Resistances
Junction pin
R
thj-pin
–25
K/W
Junction ambient
R
thj-a
–65
K/W
Note:
Calculation of the junction temperature T
j = Tamb + P x Rthj-a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com