Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 11Page - Infineon Technologies AG TLE6263 Datasheet HTML 12Page - Infineon Technologies AG TLE6263 Datasheet HTML 13Page - Infineon Technologies AG TLE6263 Datasheet HTML 14Page - Infineon Technologies AG TLE6263 Datasheet HTML 15Page - Infineon Technologies AG TLE6263 Datasheet HTML 16Page - Infineon Technologies AG TLE6263 Datasheet HTML 17Page - Infineon Technologies AG TLE6263 Datasheet HTML 18Page - Infineon Technologies AG TLE6263 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
15
2004-06-07
6.8
Fail Safe feature
The output FSO becomes HIGH when the watchdog is correctly serviced by the
microcontroller for the fourth time. As soon as either an under-voltage reset or watchdog
reset occurs, it is set LOW again. This feature is very useful to control critical applications
independent of the due function of the microcontroller e.g. to disable the power supply
in case of a microcontroller failure.
6.9
Sense Comparator (pin SI) and VINT-fail
The sense comparator (early warning function) compares a voltage defined by the user
to an internal reference voltage. Therefore the voltage to be supervised has to be scaled
down by an external voltage divider in order to compare it to the internal sense threshold
VSIth. This feature can be used e.g. to supervise the battery voltage in front of the reverse
protection diode. The microcontroller is given a pre-warning before an under-voltage
reset due to low input voltage occurs. The pre-warning is flagged by setting the interrupt
output INT low in normal mode, receive only mode and Vbat-stand-by mode. In sleep
operation mode the sense function is inactive. Calculation of the voltage divider can be
easily done since the sense input current can be neglected. An internal blanking time
prevents from false triggering due to line transients. Further improvement is possible by
the use of an external ceramic capacitor switched between SI and GND (see Application
Diagram Figure 15).
6.10
VINT- and VCC-fail flag
To activate the VINT supervisor feature the SPI IBIT 6 has to be set HIGH to set an
internal flip-flop. This automatically sets the Vbat-stand-by OBIT 6 HIGH, too. Should the
internal supply voltage become lower than the internal threshold VVINT,th (typ. 2.5V) the
NOT VINT-Fail bit becomes LOW to indicate the low voltage condition. All SPI input
registers are set LOW due to a low voltage condition of the internal supply voltage.
Like the wake-up diagnosis the VINT-Fail diagnosis can only be monitored in the Vbat-
stand-by mode. The VINT-Fail feature can also be used to give an indication when the
ECU has been changed and therefore a pre-setting routine of the microcontroller has to
be started.
Further to the reset threshold there is another supervisor threshold implemented, to
monitor the output voltage VCC. This threshold is called VVCC,th (typ. 2.5V). The NOT
VCC-Fail feature is monitored via OBIT 7 in the Vbat-stand-by mode and set, like the NOT
VINT-Fail flag, via IBIT 6 (so both fail features are activated with the IBIT 6 but monitored
via OBIT 6 and OBIT 7 during Vbat-stand-by).
In the receive-only mode both fail bits cause the interrupt output INT to go low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com