Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 10Page - Infineon Technologies AG TLE6263 Datasheet HTML 11Page - Infineon Technologies AG TLE6263 Datasheet HTML 12Page - Infineon Technologies AG TLE6263 Datasheet HTML 13Page - Infineon Technologies AG TLE6263 Datasheet HTML 14Page - Infineon Technologies AG TLE6263 Datasheet HTML 15Page - Infineon Technologies AG TLE6263 Datasheet HTML 16Page - Infineon Technologies AG TLE6263 Datasheet HTML 17Page - Infineon Technologies AG TLE6263 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
14
2004-06-07
period a watchdog trigger is detected as a “rising edge” by sampling a HIGH on the IBIT
0. The trigger is accepted when the CSN input becomes HIGH after the transmission of
the SPI word. After each reset as well as after a power on condition the default value of
IBIT 0 is LOW.
Closed and Open Window
A correct watchdog trigger results in starting the window watchdog by opening a closed
window of typ. 6 ms followed by a open window of typ. 10 ms. From now on the
microcontroller has to service the watchdog trigger by inverting the IBIT 0 alternating.
The “negative” or “positive” edge has to meet the open window time. A correct watchdog
service immediately results in starting the next closed window. Please refer to figure 12,
Watchdog Timing Diagram.
Watchdog Reset
Should the trigger signal not meet the open window a watchdog reset is created by
setting the reset output RO low for a period of typ. 2 ms. Then the watchdog starts again
by opening a long open window. In addition, the SPI OBIT 1 (diagnosis bit 1) is set HIGH
until the next successful watchdog trigger to monitor a watchdog reset. OBIT1 is also
HIGH until the watchdog is correctly triggered after power-up / start-up. For fail safe
reasons the TLE6263 is automatically switched in Vbat-stand-by mode if a watchdog
trigger failure occurs. So the power consumption can be minimized in case of a
permanent faulty microcontroller.
In case of either an undervoltage reset or a watchdog reset all SPI input registers (IBIT
0 to IBIT 7) are set low.
Undercurrent Disabling Function
To avoid cyclic wake-up’s of the microcontroller due to missing watchdog pulses when
the microcontroller is in a low power mode, an automatic undercurrent disabling function
of the watchdog circuit can be selected for the TLE 6263 Vbat-stand-by mode. For
activation of this feature, the VCC output current in the Vbat-stand-by mode has to be less
than the undercurrent threshold (ICC < ICCWD) and in addition the SPI IBIT 7 has to be
set HIGH. When the microcontroller returns back to normal mode or the output current
becomes higher than ICC > ICCWD the watchdog circuit is enabled again. A long open
window is started then, to ensure a simple synchronization of the watchdog timing to the
watchdog services of the microcontroller.
6.7
Flash program mode
To disable the watchdog feature a flash program mode is available. This mode is
selected by applying a voltage of 6.8V < VINT < 7.2V at pin INT. This is useful e.g. if the
flash-memory of the micro has to be programmed and therefore a regular watchdog
triggering is not possible. If the SPI is required in the flash program mode to change e.g.
the mode of the TLE6263 the first input telegram has to be “00000000”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com