Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 21Page - Infineon Technologies AG TLE6263 Datasheet HTML 22Page - Infineon Technologies AG TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG TLE6263 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
25
2004-06-07
Cyclic sense period
(128 cyl.)
t
P CS
55
65
80
ms
Vbat-stand-by mode;
SPI-bit 4 = H;
watchdog under-
current feature active
Cyclic sense ON time
(1 cyl.)
t
CS on
0.5
ms
CAN-Transceiver
Receiver Output R
×D
HIGH level output voltage
VOH
VCC
-0.9
VCC V
I0 = -250 µA
LOW level output voltage
VOL
00.9
V
I0 = 1.25 mA
Transmission Input T
×D
HIGH level input voltage
threshold
VIH
0.52
×
VCC
0.7
×
VCC
V
LOW level input voltage
threshold
VIL
0.3
×
VCC
0.48
×
VCC
V
HIGH level input current
IIH
-150
-30
-10
µA
Vi = 4 V
LOW level input current
IIL
-600
-300
-40
µA
Vi = 1 V
Bus Lines CANL, CANH
Differential receiver
recessive-to-dominant
threshold voltage
VdRxDrd -2.8
-2.5
-2.2
V
Differential receiver
dominant-to-recessive
threshold voltage
VdRxDdr -3.1
-2.9
-2.5
V
CANH recessive output
voltage
VCANHr 0.10.2
0.3V
TxD = VCC;
RRTH < 4 kΩ
7.3
Electrical Characteristics (cont’d)
VS = 13.5 V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj <150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com