Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 13Page - Infineon Technologies AG TLE6263 Datasheet HTML 14Page - Infineon Technologies AG TLE6263 Datasheet HTML 15Page - Infineon Technologies AG TLE6263 Datasheet HTML 16Page - Infineon Technologies AG TLE6263 Datasheet HTML 17Page - Infineon Technologies AG TLE6263 Datasheet HTML 18Page - Infineon Technologies AG TLE6263 Datasheet HTML 19Page - Infineon Technologies AG TLE6263 Datasheet HTML 20Page - Infineon Technologies AG TLE6263 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
17
2004-06-07
via the RxD output. The over-current condition is monitored on the SPI OBIT 6 in normal
operation mode.
The SPI OBIT 0 flags a thermal pre-warning of the high side switch. By this the
microcontroller is able to reduce the power dissipation of the TLE6263 by switching off
functions of minor priority until the temperature threshold of the thermal shutdown is
reached. Further OUTHS is protected against short circuit and overload. As soon as the
under-voltage condition of the supply voltage is met (VS < VUVOFF), the switch is
automatically disabled by the under-voltage lockout circuit. Moreover the switch is
automatically disabled when a reset or watchdog reset occurs.
6.14
Hints for unused pins
SI: connect to VS
OUTHS: leave open
WK1/2: connect to VS or leave open
INT: leave open
RO: leave open
FSO: leave open
SI: switch to Vs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com