Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 20Page - Infineon Technologies AG TLE6263 Datasheet HTML 21Page - Infineon Technologies AG TLE6263 Datasheet HTML 22Page - Infineon Technologies AG TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
24
2004-06-07
Wake-Up Inputs WK1 / WK2
Wake-up threshold voltage
V
WUth
234V
sleep
mode;
Vbat-
stand-by mode
Minimum time for wake-up
t
WU
10
15
32
µs
sleep mode; Vbat-
stand-by mode
Input current
I
WK
-2
µA
VWK = 0 V
High Side Output OUTHS; (controlled by bit 4 and bit 5 of SPI input word)
Static
Drain-Source
ON-Resistance;
I
OUTH3 = –0.15A
R
DSON HS
–1.0
1.5
Ω
Tj = 25 °C
–3.0
Ω
2.5
3.0
Ω
5.2 V
≤ VS ≤ 9V
Tj = 25 °C
–5.0
Ω
5.2 V
≤ VS ≤ 9V
Active zener voltage
V
OUTHS
–2
V
IOUTHS = – 0.15 A
Clamp diode forward voltage
V
OUTHS
1V
IOUTHS = 0.15 A
Leakage current
I
QLHS
–4
µA
VOUTHS = 0 V
Switch ON delay time
t
dONHS
20
µs
CSN high to OUTHS
Switch OFF delay time
t
dOFFHS
20
µs
CSN high to OUTHS
Overcurrent shutdown
threshold
I
SDHS
–0.8 – 0.3 –0.2 A
–
Shutdown delay time
t
dSDHS
10
35
50
µs
Current limit
I
OCLHS
–1.2 – 0.6 –0.3 A
UV-Switch-ON voltage
V
UV ON
–5.2
6.0
V
VS increasing
UV-Switch-OFF voltage
V
UV OFF
4.54.7
5.2V
VS decreasing
UV-ON/OFF-Hysteresis
V
UV HY
–0.5
–V
VUV ON – VUV OFF
Cyclic sense period
(128 cyl.)
t
P CS
38
65
92
ms
sleep mode
SPI-bit 4 = H,
7.3
Electrical Characteristics (cont’d)
VS =13.5V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com