Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 46 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD6676 Datasheet HTML 42Page - Analog Devices AD6676 Datasheet HTML 43Page - Analog Devices AD6676 Datasheet HTML 44Page - Analog Devices AD6676 Datasheet HTML 45Page - Analog Devices AD6676 Datasheet HTML 46Page - Analog Devices AD6676 Datasheet HTML 47Page - Analog Devices AD6676 Datasheet HTML 48Page - Analog Devices AD6676 Datasheet HTML 49Page - Analog Devices AD6676 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 46 of 90
Figure 118 shows a simplified block diagram of the AD6676
JESD204B link mapping the 16-bit I and Q outputs onto the two
separate lanes. Other configurations are also possible, such as
combining the I and Q outputs onto a single lane (fDATA_IQ ≤
153.6 MSPS) or changing the mapping of the I and Q output
paths. In any case, the 16-bit I and Q data are each broken into
two octets (eight bits of data). Bit 15 (MSB) through Bit 8 are in
the first octet. The second octet contains Bit 7 through Bit 0
(LSB). The four resulting octets (2 I octets and 2 Q octets) may
be scrambled. Scrambling is optional but is available to avoid
spectral peaks when transmitting similar digital data patterns.
The scrambler uses a self synchronizing polynomial-based
algorithm defined by the equation 1 + x14 + x15. The descrambler
in the receiver must be a self synchronizing version of the
scrambler polynomial.
The four octets are then encoded with an 8-bit/10-bit encoder. The
8-bit/10-bit encoder takes eight bits of data (an octet) and encodes
them into a 10-bit symbol. Figure 119 shows how the 16-bit I or
Q data is taken from the final decimation stage, formed into
octets, the two octets are scrambled, and how the octets are
encoded into two 10-bit symbols.
ADC
SYSREF±
SYNCINB±
I
CONVERTER 0
Q
CONVERTER 1
SERDOUT0–,
SERDOUT0+
SERDOUT1–,
SERDOUT1+
LANE SWAP
(SPI REG 0x1E1)
JESD204B LINK
CONTROL
(L.M.F.M.S)
(SPI REG 0x1C3
TO 0x1C9)
FRAMER
SWAP
(SPI
REG 0x1E1)
Figure 118. Transmit Link Simplified Block Diagram
8-BIT/10-BIT
ENCODER
(0x1E4)
SERDOUT0±
SERDOUT1±
SERIALIZER
ADC
SYMBOL0
SYMBOL1
ADC TEST PATTERNS
(REG 0x1E5)
JESD204B SAMPLE
CONSTRUCTION
JESD204B TEST
PATTERNS
(0x1E5)
FRAME
CONSTRUCTION
JESD204B TEST
PATTERNS
(REG 0x1E5,
REG 0x1F8
TO REG 0x1FF)
JESD204B TEST
PATTERNS
(REG 0x1E5,
REG 0x1F8 TO
REG 0x1FF)
SCRAMBLER
1 + x14 + x15
(OPTIONAL
VIA 0x1C3)
a b c d e f g h i j
a b c d e f g h i j
a b
i j a b
i j
16-BIT
Figure 119. Digital Formatting of JESD204B Lanes
TRANSPORT
LAYER
PHYSICAL
LAYER
DATA LINK
LAYER
Tx
OUTPUT
SAMPLE
CONSTRUCTION
FRAME
CONSTRUCTION
SCRAMBLER
ALIGNMENT
CHARACTER
GENERATION
8-BIT/10-BIT
ENCODER
CROSSBAR
MUX
SERIALIZER
PROCESSED
SAMPLES
FROM ADC
SYSREF±
SYNCINB±
Figure 120. Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com