Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6676 Datasheet HTML 18Page - Analog Devices AD6676 Datasheet HTML 19Page - Analog Devices AD6676 Datasheet HTML 20Page - Analog Devices AD6676 Datasheet HTML 21Page - Analog Devices AD6676 Datasheet HTML 22Page - Analog Devices AD6676 Datasheet HTML 23Page - Analog Devices AD6676 Datasheet HTML 24Page - Analog Devices AD6676 Datasheet HTML 25Page - Analog Devices AD6676 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 22 of 90
TERMINOLOGY
Noise Figure (NF)
NF is the degradation in SNR performance (in dB) of an input
signal having a noise density of −174 dBm/Hz after it passes
through a component or system. Mathematically,
NF = 10 × log(SNRIN/SNROUT)
The noise figure of the AD6676 is determined by the equation
NF = PIN − (10 × log(BW)) − (−174.0 dBm/Hz) − SNR
where:
PIN is the input power of an unmodulated carrier.
BW is the noise measurement bandwidth.
−174.0 dBm/Hz is the thermal noise floor at 290 K.
SNR is the measured signal-to-noise ratio in dB of the AD6676.
Note that PIN is set to a low level (that is, <−40 dBm) to
minimize any degradation in measured SNR due to phase noise
from either the input signal or Σ-Δ ADC clock source.
Noise Spectral Density (NSD)
NSD is the noise power normalized to 1 Hz bandwidth (at a
particular frequency) relative to the full scale of the ADC (dBFS)
and hence is given in units of dBFS/Hz. The AD6676, being a
Σ-Δ ADC, displays a uneven NSD across its IF pass band. Both
the worst-case NSD as well as NSD at the pass band center are
reported. Note that NSD is calculated from the IBN measured
over a 5 MHz bandwidth.
In-Band Noise (IBN)
IBN is the integrated noise power measured over a user defined
bandwidth relative to the full scale of the ADC (dBFS). This
bandwidth is typically equal to the IF pass band setting (BW) of
the AD6676, unless otherwise noted.
Input Second-Order Intercept (IIP2)
IIP2 is a figure of merit used to quantify the second-order
intermodulation distortion (IMD2) of a component or system.
Two equal amplitude unmodulated carriers at specified
frequencies (f1 and f2) injected into a nonlinear system exhibiting
second-order nonlinearities produce IMD components at f1 − f2
and f1 + f2. For the AD6676, the two frequencies are situated
at ½ the IF frequency (with a 2 MHz offset) at a power level
corresponding to −6 dBFS at the IF center frequency with
only the intermodulation term at f1 + f2 considered. IIP2 is
the extrapolated tone power at which the intermodulation
terms and the input tones have equal amplitude.
IIP2 = PIN − IMD2
Input Third-Order Intercept (IIP3)
IIP3 is a figure of merit used to quantify the third-order
intermodulation distortion (IMD3) of a component or system.
Two equal amplitude unmodulated carriers at specified frequencies
(f1 and f2) injected into a nonlinear system exhibiting third-order
nonlinearities produce IMD components at 2 f1 − f2 and 2 f2 − f1.
IIP3 is the extrapolated tone power at which the intermodulation
terms and the input tones have equal amplitude.
IIP3 = PIN – IMD3/2
Note that the third-order IMD performance of an ADC does
not necessarily follow the 3:1 rule that is typical of RF/IF linear
devices. IMD performance is dependent on the dual tone
frequencies, signal input levels, and ADC clock rate.
Worst In-Band Spur (SFDR)
Worst in-band spur is the worst spur falling in the IF pass band
relative to the full scale of the ADC (dBFS) when a single tone
with defined power level is stepped (typically 1 MHz increments)
across a user defined frequency range. Note that this worst spur
can often be an image (or clock) related spur depending on the
IF, BW, and IQ output data rate setting of the AD6676 and on
the sweep range.
Signal Transfer Function (STF)
STF is the frequency response of the output signal of the ADC
relative to a swept single tone at its input. The STF presented for
different AD6676 setup conditions in the Typical Performance
Characteristics section shows the STF over the IF pass band
after the digital filter to highlight pass band flatness. The
wideband STF response is measured before the digital filter to
highlight the pass band response of the AD6676 Σ-Δ ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com