Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 82 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices AD6676 Datasheet HTML 80Page - Analog Devices AD6676 Datasheet HTML 81Page - Analog Devices AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices AD6676 Datasheet HTML 84Page - Analog Devices AD6676 Datasheet HTML 85Page - Analog Devices AD6676 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 82 of 90
JESD204 FCHK0 Register
Address: 0x1D8, Reset: 0x44, Name: FCHK0
Table 102. Bit Descriptions for FCHK0
Bits
Bit Name
Description
Reset
Access
[7:0]
FCHK0
Checksum for Lane 0.
0x44
RW
JESD204 FCHK1 Register
Address: 0x1D9, Reset: 0x45, Name: FCHK1
Table 103. Bit Descriptions for FCHK1
Bits
Bit Name
Description
Reset
Access
[7:0]
FCHK1
Checksum for Lane 1.
0x45
RW
Enable Lane FIFO Register
Address: 0x1E0, Reset: 0x00, Name: EN_LFIFO
Table 104. Bit Descriptions for EN_LFIFO
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
0x00
RW
0
EN_LFIFO
Lane FIFO Enable. Once the entire configuration of the framer has been completed, and the
link is powered up, set this bit to start the lane FIFOs that manage the hand-off of data from
the framer to the transmitter PHY.
0x0
RW
Swap Register
Address: 0x1E1, Reset: 0x00, Name: SWAP
Table 105. Bit Descriptions for SWAP
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
0x0
RW
[5:4]
SWAP_CONV
Bit [4] swaps the source of Framer Converter 0 (default is I channel).
0x0
RW
Bit [5] swaps the source of Framer Converter 1 (default is Q channel).
00
Framer Input 1 = Q channel; Framer Input 0 = I channel
01
Framer Input 1 = Q channel; Framer Input 0 = Q channel
10
Framer Input 1 = I channel; Framer Input 0 = I channel
11
Framer Input 1 = I channel; Framer Input 0 = Q channel
[3:2]
RESERVED
0x0
RW
[1:0]
SWAP_LANE
Bit [0] swaps the source of physical output lane 0.
0x0
RW
Bit [1] swaps the source of physical output lane 1.
00
Output Lane 1 = Famer lane 1; Output Lane 0 = Framer Lane 0
01
Output Lane 1 = Framer lane 1; Output Lane 0 = Framer Lane 1
10
Output Lane 1 = Framer lane 0; Output Lane 0 = Framer Lane 0
11
Output Lane 1 = Framer lane 0; Output Lane 0 = Framer Lane 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com