Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6676 Datasheet HTML 14Page - Analog Devices AD6676 Datasheet HTML 15Page - Analog Devices AD6676 Datasheet HTML 16Page - Analog Devices AD6676 Datasheet HTML 17Page - Analog Devices AD6676 Datasheet HTML 18Page - Analog Devices AD6676 Datasheet HTML 19Page - Analog Devices AD6676 Datasheet HTML 20Page - Analog Devices AD6676 Datasheet HTML 21Page - Analog Devices AD6676 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 18 of 90
0
–120
–100
–80
–60
–40
–20
150
170
190
210
230
250
270
290
310
330
350
INPUT FREQUENCY (MHz)
IF PASS BAND
REGION
WORST SWEPT SPUR FOR
–1dBFS CW AT
–3.4dBm < –88dBFS
–1dBFS
AT 315MHz
–79dBFS
AT 200MHz
CLOCK SPUR
–88dBFS
NBW = 9.2kHz
Figure 40. Worst Spur Falling in 75 MHz Pass Band for Swept CW from
150 MHz to 300 MHz
0
–120
–100
–80
–60
–40
–20
210
290
280
270
260
250
240
230
220
INPUT FREQUENCY (MHz)
2 TONE AT –8dBFS (–10.4dBm)
AT 247.5MHz AND 252.2MHz
–94dBFS
–102dBFS
NBW = 9.2kHz
Figure 41. Two-Tone IMD Performance
(f1 = 247.5 MHz, f2 = 252.5 MHz)
INPUT AMPLITUDE (dBFS)
–39
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
Figure 42. Swept Two-Tone Worst IMD3 vs. Tone Level (dBFS)
(f1 = 252.5 MHz, f2 = 257.5 MHz)
–80
–85
–90
–95
–100
–105
–110
–115
INPUT FREQUENCY (MHz)
150
170
190
210
230
250
270
290
310
330
350
–1dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 43. Swept Worst Pass Band Spur with CW Swept from 150 MHz to
300 MHz for PIN = −1 dBFS, −6 dBFS, −12 dBFS, and −18 dBFS
0
–120
–100
–80
–60
–40
–20
210
290
280
270
260
250
240
230
220
INPUT FREQUENCY (MHz)
–91dBFS
–91dBFS
2 TONE AT –8dBFS
(–10.4dBm)
AT 238MHz AND 262MHz
NBW = 9.2kHz
Figure 44. Two-Tone IMD Performance
(f1 = 238 MHz, f2 = 262 MHz)
FREQUENCY (MHz)
210
220
230
240
250
260
270
280
290
300
–80
–85
–90
–95
–100
–105
–110
–20dBFS
–14dBFS
–8dBFS
Figure 45. Swept Two-Tone Worst IMD3 vs. Frequency over Pass Band
(∆f = 5 MHz for Two Tones, PIN =−8 dBFS, −14 dBFS, and −20 dBFS )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com