Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 73 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD6676 Datasheet HTML 69Page - Analog Devices AD6676 Datasheet HTML 70Page - Analog Devices AD6676 Datasheet HTML 71Page - Analog Devices AD6676 Datasheet HTML 72Page - Analog Devices AD6676 Datasheet HTML 73Page - Analog Devices AD6676 Datasheet HTML 74Page - Analog Devices AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices AD6676 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 73 of 90
Fine NCO Tuning Register
Address: 0x142, Reset: 0x15, Name: MIX2_TUNING
Table 58. Bit Descriptions for MIX2_TUNING
Bits
Bit Name
Description
Reset
Access
[7:0]
MIX2_TUNING
Mix2 Tuning. Fine down/upconversion frequency. For decimation Mode 1 and Mode 3, this
twos complement number represents steps of F
ADC/4096. For decimation Mode 2 and
Mode 4, it represents steps of F
ADC/3072. A positive number is a downconverion; a negative
number is an upconversion.
0x15
RW
This register has four copies, one for each of the ADC profiles. The default for Profile 0 is 0x21; the default for the other profiles is 0x00.
At the default ADC clock rate of 3.2 GHz, the default Profile 0 downconversion frequency is (33/4096) × 3.2 GHz = 25.78125 MHz
Coarse NCO Initial Phase Register
Address: 0x143, Reset: 0x00, Name: MIX1_INIT
Table 59. Bit Descriptions for MIX1_INIT
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
0x0
RW
[5:0]
MIX1_INIT
NCO1 Initial Phase. Initial phase of the coarse resolution NCO after synchronization with
SYSREF, in units of 1/64 of a cycle.
0x00
RW
This register has four copies, one for each of the ADC profiles. The default for Profile 0 is 0x00.
Fine NCO Initial Phase LSB Register
Address: 0x144, Reset: 0x00, Name: MIX2_INIT_LSB
Table 60. Bit Descriptions for MIX2_INIT_LSB
Bits
Bit Name
Description
Reset
Access
[7:0]
MIX2_INIT_LSB
NCO2 Initial Phase. Initial phase of the fine resolution NCO after synchronization with
SYSREF, in units of 1/1024 of a cycle. The two MSBs of the 10-bit value are in Register 0x145.
0x00
RW
This register has four copies, one for each of the ADC profiles. The default for Profile 0 is 0x00.
Fine NCO Initial Phase MSB Register
Address: 0x145, Reset: 0x00, Name: MIX2_INIT_MSB
Table 61. Bit Descriptions for MIX2_INIT_MSB
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
0x00
RW
[1:0]
MIX2_INIT_MSB
NCO2 Initial Phase. Initial phase of the fine resolution NCO after synchronization with
SYSREF, in units of 1/1024 of a cycle. The LSBs of the 10-bit value are in Register 0x144.
0x0
RW
This register has four copies, one for each of the ADC profiles. The default for Profile 0 is 0x00.
Datapath Controls Register
Address: 0x146, Reset: 0x00, Name: DP_CTRL
Table 62. Bit Descriptions for DP_CTRL
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
0x00
RW
0
NOT_2S_COMPL
Output Data Format: twos complement = 0; straight binary = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com