Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 34 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6676 Datasheet HTML 30Page - Analog Devices AD6676 Datasheet HTML 31Page - Analog Devices AD6676 Datasheet HTML 32Page - Analog Devices AD6676 Datasheet HTML 33Page - Analog Devices AD6676 Datasheet HTML 34Page - Analog Devices AD6676 Datasheet HTML 35Page - Analog Devices AD6676 Datasheet HTML 36Page - Analog Devices AD6676 Datasheet HTML 37Page - Analog Devices AD6676 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 34 of 90
–10
–12
–14
–16
–18
–20
–22
–24
–26
–28
–30
0
100
200
300
400
500
600
800
1000
700
900
FREQUENCY (MHz)
0dB
2dB
4dB
6dB
8dB
10dB
12dB
14dB
Figure 94. Differential S11 vs. Frequency for Different Attenuator Settings
The accuracy of the attenuator is an important consideration in
applications implementing AGC or system calibration. The
attenuator remains monotonic over its full operating range.
Figure 95, which shows a typical devices attenuation error vs.
attenuation state at −40°C, +25°C, and +85°C, demonstrates the
near instrumentation level accuracy of the AD6676 attenuator.
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
27
24
21
18
15
12
9
6
3
ATTENUATOR SETTING (dB)
–40°C
+25°C
+85°C
Figure 95. Typical Attenuation Step Size Error vs. Setting over Temperature
The linearity performance of the attenuator is another
consideration when determining the largest input drive levels
before its nonlinearity may dominate over that of the Σ-Δ ADC.
The effective PIN_0dFS level of the AD6676 is increased decibel-
per-decibel by the attenuator setting. At large attenuator settings,
the peak-to-peak voltage swing seen at the VIN+ and VIN− pins
increases as well as the current that is steered into the attenuator
shunt resistance. At a certain level, the IMD contribution from
the attenuator begins to dominate over the Σ-Δ ADC contribution.
Figure 96 plots the worst third-order IMD spurious vs. attenuator
setting for IDAC1FS of 4 mA and 2 mA with the power of the
dual tones increased to maintain a constant −8 dBFS level
measured by the Σ-Δ ADC. The effective PIN_0dBFS is also
plotted to show the maximum continuous wave signal level
into the device that results in a 0 dBFS level.
Note the following conditions and observations:
•
The AD6676 is configured as follows: IF = 180 MHz, BW =
80 MHz, and fCLK = 3.2 GHz. Tones are situated at 177.5 MHz
and 182.5 MHz.
•
The PIN_0dBFS level is reduced by 6 dB when IDAC1FS is
reduced to 2 mA.
•
The IMD performance remains below −80 dBc until an
attenuator setting of 9 dB.
•
Further increases in the two-tone power lead to a
corresponding steady decline in the IMD performance due
to the nonlinearity of the attenuator.
•
Although not shown, the NSD performance centered about
the IF improves a few dB with increased attenuation.
17
–10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
–7
–4
–1
2
5
8
11
14
0
21
18
15
12
9
6
3
ATTENUATOR SETTING (dB)
PIN_0dBFS_IDAC1FS = 2mA
PIN_0dBFS_IDAC = 4mA
IMD_IDAC1FS = 4mA
IMD_ IDAC1FS = 2mA
Figure 96. IMD Component Degradation as Two-Tone Centered at an IF of
180 MHz Is Increased 1 dB for Every 1 dB Increase in Attenuator Setting, Such
That Two-Tone Level Remains at −8 dBFS
The effects of switching transients are another important
consideration for AGC implementations that digitally calibrate
gain changes in the signal path of the receiver that can otherwise
degrade the demodulation of the desired signals.
Figure 97 and Figure 98 show the IQ envelope response when
the attenuator state is switched between 0 dB and 6 dB via an
external control signal using the AGC2 input pin at a rate of
3.3 MHz. Note that the settling response is dominated by the
response of the digital filter (decimate by 12) and shows no
signs of glitch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com