Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 72 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD6676 Datasheet HTML 68Page - Analog Devices AD6676 Datasheet HTML 69Page - Analog Devices AD6676 Datasheet HTML 70Page - Analog Devices AD6676 Datasheet HTML 71Page - Analog Devices AD6676 Datasheet HTML 72Page - Analog Devices AD6676 Datasheet HTML 73Page - Analog Devices AD6676 Datasheet HTML 74Page - Analog Devices AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 72 of 90
ADC Profile Selection Register
Address: 0x118, Reset: 0x00, Name: ADC_PROFILE
Table 54. Bit Descriptions for ADC_PROFILE
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
0x00
W
[1:0]
ADC_PROFILE
ADC profile. Select which one of the four ADC profiles to use in operation. The
user may switch between multiple profiles if calibration has taken place for each.
Note that the four profiles also cover SPI Register 0x141 to SPI Register 0x145 if
the digital mixer settings are varied between profiles.
0x0
W
Force End of Calibration Register
Address: 0x11A, Reset: 0x00, Name: FORCE_END_CAL
Table 55. Bit Descriptions for FORCE_END_CAL
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
0x00
RW
0
FORCE_END_CAL
Setting this bit high and then low (two write operations) allows the user to
terminate the calibration and hand control back to the SPI. This SPI operation
should only be performed if the AD6676 fails to clear Register 0x116 after 400 ms.
0x0
RW
This is a user accessible SPI register only when the controller is performing a calibration.
Decimation Mode Register
Address: 0x140, Reset: 0x01, Name: DEC_MODE
Table 56. Bit Descriptions for DEC_MODE
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
0x00
RW
[2:0]
DEC_MODE
Decimation Mode.
0x01
RW
001
Decimate by 32.
010
Decimate by 24.
011
Decimate by 16.
100
Decimate by 12.
Coarse NCO Tuning Register
Address: 0x141, Reset: 0x05, Name: MIX1_TUNING
Table 57. Bit Descriptions for MIX1_TUNING
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
0x0
RW
[5:0]
MIX1_TUNING
Mix1 Tuning. Coarse downconversion frequency, in units of F
ADC/64. For
example, setting bits to 000011 downconverts by F
ADC × (3/64).
0x5
RW
This register has four copies, one for each of the ADC profiles. The default for Profile 0 is 0x05; the default for the other profiles is 0x00.
At the default ADC clock rate of 3.2 GHz; the default Profile 0 downconversion frequency is (5/64) × 3.6 GHz = 250 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com