| Electronic Components Datasheet Search |
|
AD6676 Datasheet(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6676 Datasheet(HTML) 65 Page - Analog Devices |
|
65 / 90 page ![]() Data Sheet AD6676 Rev. A | Page 65 of 90 The AD6676 serial port can support both most significant bit (MSB) first and least significant bit (LSB) first data formats. Figure 147 illustrates how the serial port words are formed for the MSB first and LSB first modes. The bit order is controlled by the LSB_FIRST bit (Register 0x000, Bit 6). The default value is 0, MSB first. When the LSB_FIRST bit is set high, the serial port interprets both instruction and data byte LSBs first. SCLK SDATA R/W A1 A0 D71 D61 D1N D0N DATA TRANSFER CYCLE INSTRUCTION CYCLE CSB A14 A13 SCLK SDATA R/W A1 A0 D71 D61 D1N D0N DATA TRANSFER CYCLE INSTRUCTION CYCLE CSB A14 A2 Figure 147. SPI Timing, MSB First (Upper) and LSB First (Lower) Figure 148 illustrates the timing requirements for a write operation to the SPI port. After the serial port enable (CSB) signal goes low, data (SDIO) pertaining to the instruction header is read on the rising edges of the clock (SCLK). To initiate a write operation, the read/not write bit is set low. After the instruction header is read, the eight data bits pertaining to the specified register are shifted into the SDIO pin on the rising edge of the next eight clock cycles. Figure 149 illustrates the timing for a 3-wire read operation to the SPI port. After CSB goes low, data (SDIO) pertaining to the instruction header is read on the rising edges of SCLK. A read operation occurs if the read/not write indicator is set high. After the address bits of the instruction header are read, the eight data bits pertaining to the specified register are shifted out of the SDIO pin on the falling edges of the next eight clock cycles. Figure 150 illustrates the timing for a 4-wire read operation to the SPI port. The timing is similar to the 3-wire read operation with the exception that data appears at the SDO pin only, whereas the SDIO pin remains at high impedance throughout the operation. The SDO pin is an active output only during the data transfer phase and remains three-stated at all other times. Lastly, the SPI port must not be active during periods when the full dynamic performance of the converter is required. Because the SCLK, CSB, and SDIO signals are typically asynchronous to the ADC clock, noise from these signals can degrade converter performance. If the on-board SPI bus is used for other devices, it may be necessary to provide buffers between this bus and the AD6676 to keep these signals from transitioning at the converter input pins and causing unwanted spurious signals. D7 D6 A0 D1 A14 tS SCLK SDIO tSCLK tLOW tHIGH tDS tDH R/W D0 tH CSB A13 Figure 148. SPI Write Operation Timing D7 D6 A0 D1 A14 tS SCLK SDIO tSCLK tLOW tHIGH tDS tDH R/W D0 tZ A2 A1 tACCESS CSB Figure 149. SPI 3-Wire Read Operation Timing A0 CSB A14 tS SCLK SDIO tSCLK tLOW tHIGH tDS tDH R/W A2 A1 tACCESS D7 D6 D1 SDO D0 tZ Figure 150. SPI 4-Wire Read Operation Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |