Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 29Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 30Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 31Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 32Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 33Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 34Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 35Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 36Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 147 page
background image
Functional Overview
33
June 2004
SPRS257
3.2.8
Boot ROM
The Boot ROM is factory programmed with boot-loading software that can be used to download software from
an external interface. Boot-mode signals are provided that tell the bootloader software which boot mode to
use on power up. The Boot ROM on R281x devices is identical to that on F281x devices, except that the jump
to flash and jump to OTP modes are not available. The Boot Rom also contains standard tables such as
SIN/COS waveforms, for use in math-related algorithms.
3.2.9
Security
R281x devices contain a non−utilizable code security module for compatibility with C281x and F281x devices.
The passwords for the security module are hard-wired in the device as all 0xFFFF. After a device reset, the
L0 and L1 SARAM blocks are in a locked condition until a dummy read of the passwords is performed. The
R281x Boot ROM performs a dummy read of the password locations. If execution after reset begins directly
in external memory on R2812 devices (i.e., MP/MC =1 ), the user should perform 8 dummy reads, one each
from address 0x3F7FF8 through 0x3F7FFF.
3.2.10 Peripheral Interrupt Expansion (PIE) Block
The PIE block serves to multiplex numerous interrupt sources into a smaller set of interrupt inputs. The PIE
block can support up to 96 peripheral interrupts. On R281x, 45 of the possible 96 interrupts are used by
peripherals. The 96 interrupts are grouped into blocks of 8 and each group is fed into 1 of 12 CPU interrupt
lines (INT1 to INT12). Each of the 96 interrupts is, supported by its own vector stored in a dedicated RAM block
that can be overwritten by the user. The vector is, automatically fetched by the CPU on servicing the interrupt.
It takes 8 CPU clock cycles to fetch the vector and save critical CPU registers. Hence the CPU can quickly
respond to interrupt events. Prioritization of interrupts is controlled in hardware and software. Each individual
interrupt can be enabled/disabled within the PIE block.
3.2.11 External Interrupts (XINT1, 2, 13, XNMI)
R281x supports three masked external interrupts (XINT1, 2, 13). XINT13 is combined with one non-masked
external interrupt (XNMI). The combined signal name is XNMI_XINT13. Each of the interrupts can be selected
for negative or positive edge triggering and can also be enabled/disabled (including the XNMI). The masked
interrupts also contain a 16-bit free running up counter, which is reset to zero when a valid interrupt edge is
detected. This counter can be used to accurately time stamp the interrupt.
3.2.12 Oscillator and PLL
R281x can be clocked by an external oscillator or by a crystal attached to the on-chip oscillator circuit. A PLL
is provided supporting up to 10-input clock-scaling ratios. The PLL ratios can be changed on-the-fly in
software, enabling the user to scale back on operating frequency if lower power operation is desired. Refer
to the Electrical Specification section for timing details. The PLL block can be set in bypass mode.
3.2.13 Watchdog
R281x supports a watchdog timer. The user software must regularly reset the watchdog counter within a
certain time frame; otherwise, the watchdog will generate a reset to the processor. The watchdog can be
disabled if necessary.
3.2.14 Peripheral Clocking
The clocks to each individual peripheral can be enabled/disabled so as to reduce power consumption when
a peripheral is not in use. Additionally, the system clock to the serial ports (except eCAN) and the event
managers, CAP and QEP blocks can be scaled relative to the CPU clock. This enables the timing of
peripherals to be decoupled from increasing CPU clock speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com