Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 24Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 25Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 26Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 27Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 28Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 29Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 30Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 31Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 147 page
background image
Functional Overview
28
June 2004
SPRS257
3.1
Memory Map
Block
Start Address
0x00 0000
M0 Vector − RAM (32 × 32)
(Enabled if VMAP = 0)
Data Space
Prog Space
M0 SARAM (1K × 16)
M1 SARAM (1K × 16)
Peripheral Frame 0
(2K × 16)
0x00 0040
0x00 0400
0x00 0800
PIE Vector - RAM
(256 × 16)
(Enabled if VMAP
= 1, ENPIE = 1)
Reserved
Reserved
Reserved
L0 SARAM (4K × 16)
Peripheral Frame 1
(4K × 16, Protected)
Reserved
Peripheral Frame 2
(4K × 16, Protected)
L1 SARAM (4K × 16)
H0 SARAM (8K × 16)
Reserved
Boot ROM (4K × 16)
(Enabled if MP/MC = 0)
BROM Vector - ROM (32 × 32)
(Enabled if VMAP = 1, MP/MC = 0, ENPIE = 0)
0x00 0D00
0x00 0E00
0x00 2000
0x00 6000
0x00 7000
0x00 8000
0x00 9000
0x00 A000
0x00 A800
0x3F 8000
0x3F A000
0x3F F000
0x3F FFC0
Data Space
Prog Space
Reserved
XINTF Zone 0 (8K × 16, XZCS0AND1)
XINTF Zone 1 (8K × 16, XZCS0AND1) (Protected)
Reserved
XINTF Zone 2 (0.5M × 16, XZCS2)
XINTF Zone 6 (0.5M × 16, XZCS6AND7)
Reserved
XINTF Zone 7 (16K × 16, XZCS6AND7)
(Enabled if MP/MC = 1)
XINTF Vector - RAM (32 × 32)
(Enabled if VMAP = 1, MP/MC = 1, ENPIE = 0)
On-Chip Memory
External Memory XINTF
Only one of these vector maps—M0 vector, PIE vector, BROM vector, XINTF vector—should be enabled at a time.
LEGEND:
0x08 0000
0x00 4000
0x10 0000
0x18 0000
0x3F C000
0x00 2000
Reserved
L2 SARAM (1K × 16)
L3 SARAM (1K × 16)
0x00 A400
128-bit Password (see Note H)
NOTES: A. Memory blocks are not to scale.
B. Reserved locations are reserved for future expansion. Application should not access these areas.
C. Boot ROM and Zone 7 memory maps are active either in on-chip or XINTF zone depending on MP/MC, not in both.
D. Peripheral Frame 0, Peripheral Frame 1, and Peripheral Frame 2 memory maps are restricted to data memory only.
User program cannot access these memory maps in program space.
E. “Protected” means the order of Write followed by Read operations is preserved rather than the pipeline order.
F. Certain memory ranges are EALLOW protected against spurious writes after configuration.
G. Zones 0 and 1 and Zones 6 and 7 share the same chip select; hence, these memory blocks have mirrored locations.
H. The passwords are set to all ones.
0x3F7FF8
Figure 3−2. R2812 Memory Map (See Notes A through H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com