Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 48 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 44Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 45Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 46Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 47Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 48Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 49Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 50Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 51Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 147 page
background image
Functional Overview
48
June 2004
SPRS257
3.7.5
Watchdog Block
The watchdog block on R281x is identical to the one used on the 240x devices. The watchdog module
generates an output pulse, 512 oscillator clocks wide (OSCCLK), whenever the 8-bit watchdog up counter
has reached its maximum value. To prevent this, the user disables the counter or the software must
periodically write a 0x55 + 0xAA sequence into the watchdog key register which will reset the watchdog
counter. Figure 3−10 shows the various functional blocks within the watchdog module.
/512
OSCCLK
WDCR (WDPS(2:0))
WDCLK
WDCNTR(7:0)
WDKEY(7:0)
Bad Key
Good Key
1
0
1
WDCR (WDCHK(2:0))
Bad
WDCHK
Key
WDCR (WDDIS)
Clear Counter
SCSR (WDENINT)
Watchdog
Prescaler
Generate
Output Pulse
(512 OSCCLKs)
8-Bit
Watchdog
Counter
CLR
WDRST
WDINT
Watchdog
55 + AA
Key Detector
XRS
Core-reset
NOTE A: The WDRST signal is driven low for 512 OSCCLK cycles.
WDRST
(See Note A)
Internal
Pullup
Figure 3−10. Watchdog Module
The WDINT signal enables the watchdog to be used as a wakeup from IDLE/STANDBY mode timer.
In STANDBY mode, all peripherals are turned off on the device. The only peripheral that remains functional
is the watchdog. The Watchdog module will run off the PLL clock or the oscillator clock. The WDINT signal
is fed to the LPM block so that it can wake the device from STANDBY (if enabled). See Section 3.7.6,
Low-Power Modes Block, for more details.
In IDLE mode, the WDINT signal can generate an interrupt to the CPU, via the PIE, to take the CPU out of
IDLE mode.
In HALT mode, this feature cannot be used because the oscillator (and PLL) are turned off and hence so is
the WATCHDOG.
3.7.6
Low-Power Modes Block
The low-power modes on R281x are similar to the 240x devices. Table 3−14 summarizes the various modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com