Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 145 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 139Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 140Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 141Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 142Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 143Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 144Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 145Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 146Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 147Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 145 / 147 page
background image
Mechanical Data
145
June 2004
SPRS257
8.2
Plastic Ball Grid Array
ZHH (S−PBGA−N179)
PLASTIC BALL GRID ARRAY
1,40 MAX
0,85
0,55
0,45
0,45
0,35
0,95
11,90
12,10
SQ
4204739/A 10/02
Seating Plane
7
B
A
2
1
C
D
F
E
G
4
3
6
5
N
K
H
J
L
M
P
9
8
11
10
13
12
14
0,40
10,40 TYP
0,40
A1 Corner
0,10
0,08
Bottom View
0,80
0,80
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. MicroStar BGAt configuration.
D. This package is lead-free and needs a minimum reflow temperature of 250°C but not exceeding 260°C.
Figure 7−2. TMS320R2812 179-Ball ZHH MicroStar BGA
Table 7−2. Thermal Resistance Characteristics for 179-ZHH
PARAMETER
179-ZHH PACKAGE
UNIT
PsiJT
0.658
°C/W
ΘJA
42.57
°C/W
ΘJC
16.08
°C/W
MicroStar BGA is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com