Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848JSQ/NOPB Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 66 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 62Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 63Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 64Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 65Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 66Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 67Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 68Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 69Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
X1
X2
C
L2
C
L1
R
1
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
Figure 7-3. Crystal Oscillator Circuit
Table 7-1. 25-MHz Oscillator Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency
25
MHz
Frequency Tolerance
Operational Temperature
50
ppm
Frequency Stability
1 year aging
50
ppm
Rise / Fall Time
20%–80%
6
nsec
Jitter
Short term
800(1)
psec
Jitter
Long term
800(1)
psec
Symmetry
Duty Cycle
40%
60%
(1)
This limit is provided as a guideline for component selection and not guaranteed by production testing. Refer to SNLA076, PHYTER 100
Base-TX Reference Clock Jitter Tolerance, for details on jitter performance.
Table 7-2. 50-MHz Oscillator Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency
50
MHz
Frequency Tolerance
Operational Temperature
50
ppm
Frequency Stability
1 year aging
50
ppm
Rise / Fall Time
20%–80%
6
nsec
Jitter
Short term
800(1)
psec
Jitter
Long term
800(1)
psec
Symmetry
Duty Cycle
40%
60%
(1)
This limit is provided as a guideline for component selection and not guaranteed by production testing. Refer to SNLA076, PHYTER 100
Base-TX Reference Clock Jitter Tolerance, for details on jitter performance.
Table 7-3. 25-MHz Crystal Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency
25
MHz
Frequency Tolerance
Operational Temperature
50
ppm
Frequency Stability
1 year aging
50
ppm
Load Capacitance
25
40
pF
7.2.1.3
Power Feedback Circuit
To ensure correct operation for the DP83848x, parallel caps with values of 10 µF (Tantalum) and 0.1 µF
should be placed close to pin 19 (PFBOUT) of the device.
Pin 16 (PFBIN1) and pin 30 (PFBIN2) must be connected to pin 19 (PFBOUT), each pin requires a small
capacitor (0.1 µF). See Figure 7-4 for proper connections.
66
Application, Implementation, and Layout
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com