Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 154Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 155Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 156Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 157Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 158Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 159Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 160Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.8.3.8
PLL1 PLLDIV Ratio Change Status Register (DCHANGE)
Whenever a different ratio is written to the PLLDIV10 register, the PLLCTRL flags the change in the
PLLDIV ratio change status register (DCHANGE). During the GO operation, the PLL controller will only
change the divide ratio of the SYSCLK with the bit set in DCHANGE. Note that changed clocks will be
automatically aligned to other clocks if the corresponding ALN bit is set. The PLLDIV divider ratio change
status register is shown in Figure 7-21 and described in Table 7-27.
31
16
Reserved
R-0
15
10
9
8
0
Reserved
SYSCLK10
Reserved
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-21. PLLDIV Divider Ratio Change Status Register (DCHANGE)
Table 7-27. PLLDIV Divider Ratio Change Status Register (DCHANGE) Field Descriptions
Bit
Field
Value
Description
31:10
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to these fields has no
effect.
9
SYSCLK10
Identifies when the SYSCLK10 divide ratio has been modified.
0
SYSCLK10 ratio has not been modified. When GOSET is set, SYSCLK10 will not be affected.
1
SYSCLK10 ratio has been modified. When GOSET is set, SYSCLK10 will change to the new ratio.
8:0
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to these fields has no
effect.
158
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com