Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 160 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 156Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 157Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 158Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 159Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 160Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 163Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 269 page
background image
CLKIN1
2
3
4
4
5
1
SYSCLKOUT
2
3
1
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.8.4
PLL1 Controller Input and Output Clock Electrical Data/Timing
Table 7-29. Timing Requirements for CLKIN1 Devices
(see Figure 7-23)
500/625/700
PLL MODES
NO.
UNIT
x10 to x32
MIN
MAX
1
tc(CLKIN1)
Cycle time, CLKIN1
20
80
ns
2
tw(CLKIN1H)
Pulse duration, CLKIN1 high
0.4 * tc(CLKIN1)
ns
3
tw(CLKIN1L)
Pulse duration, CLKIN1 low
0.4 * tc(CLKIN1)
ns
4
tt(CLKIN1)
Transition time, CLKIN1
1.2
ns
5
tJ(CLKIN1)
Period jitter (peak-to-peak), CLKIN1
100
ps
Figure 7-23. CLKIN1 Timing
Table 7-30. Switching Characteristics Over Recommended Operating Conditions for
SYSCLKOUT [CPU/6](1)(2)
(see Figure 7-24)
500/625/700
NO.
PARAMETER
UNIT
TYP
1
tc(CLK)
Cycle time, SYSCLKOUT
6P
ns
2
tw(CLKH)
Pulse duration, SYSCLKOUT high
3P
ns
3
tw(CLKL)
Pulse duration, SYSCLKOUT low
3P
ns
(1)
The reference points for the rise and fall transitions are measured at 3.3 V VOL MAX and VOH MIN.
(2)
P = 1/CPU clock frequency in nanoseconds (ns).
Figure 7-24. SYSCLKOUT Timing
160
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com