Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 163 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 159Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 160Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 163Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 164Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 165Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 166Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-32. PLL2 Stabilization, Lock, and Reset Times
MIN
TYP
MAX
UNIT
PLL2 stabilization time
500
μs
PLL2 lock time
2000 * C(1)
ns
PLL2 reset time
128 * C(1)
ns
(1)
C = CLKIN2 cycle time in ns. For example, when CLKIN2 frequency is 25 MHz, use C = 40 ns.
7.9.2
PLL2 Controller Peripheral Register Descriptions
The memory map of the PLL2 controller is shown in Table 7-33. Note that only registers documented here
are accessible on the C6472. Other addresses in the PLL2 controller memory map should not be
modified.
Table 7-33. PLL2 Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
029C 0000
PID
Constant Peripheral Identification Register
029C 0004 - 029C 00FC
-
Reserved
029C 0100
PLLCTL
PLL Control Register
029C 0104 - 029C 0114
-
Reserved
029C 0118
PLLDIV1
PLL Controller Divider 1 Register for SYSCLK13
029C 011C
PLLDIV2
PLL Controller Divider 2 Register for SYSCLK14
029C 0120
PLLDIV3
PLL Controller Divider 3 Register for SYSCLK15
029C 0124 - 029C 0134
-
Reserved
029C 0138
PLLCMD
PLL Controller Command Register
029C 013C
PLLSTAT
PLL Controller Status Register
029C 0140
-
Reserved
029C 0144
DCHANGE
PLLDIV Ratio Change Status Register
029C 0148 - 029C 014C
-
Reserved
029C 0150
SYSTAT
SYSCLK Status Register
029C 0154 - 029C 015C
-
Reserved
029C 0160
PLLDIV4
PLL Controller Divider 4 Register for SYSCLK16
029C 0164
PLLDIV5
PLL Controller Divider 5 Register for SYSCLK17
029C 0168
PLLDIV6
PLL Controller Divider 6 Register for SYSCLK18
029C 016C - 029C 03FC
-
Reserved
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
163
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com