Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 163Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 164Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 165Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 166Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 167Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 168Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.9.3.2
PLL2 PLL Control Register (PLLCTL)
The PLL control register (PLLCTL) is shown in Figure 7-27 and described in Table 7-35.
31
16
Reserved
R-00 0001h
15
8
7
6
5
4
3
2
1
0
PLL
Reserved
Rsvd
Rsvd
Reserved
PLLRST
Rsvd
PLLEN
PWRDN
R-00 0001h
R/W-0
R-1
R/W-10
R/W-1
R-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-27. PLL Control Register (PLLCTL)
Table 7-35. PLL Control Register (PLLCTL) Field Descriptions(1)
Bit
Field
Value
Description
31:8
Reserved
Reserved. The reserved bit location is always read as 00 0001h. A value written to this field has no
effect.
7
Reserved
Reserved. Writes to this register must keep this bit as 0.
6
Reserved
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
5:4
Reserved
Reserved. Writes to this register must always program these bits as 00.
3
PLLRST
PLL reset bit
0
PLL reset is released
1
PLL reset is asserted
2
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
1
PLLPWRDN
PLL power-down mode select bit
0
PLL is operational
1
PLL is placed in power-down state, i.e., all analog circuitry in the PLL is turned-off
0
PLLEN
PLL enable bit
0
Bypass mode. PLL is bypassed. All the system clocks (SYSCLKn) are divided down directly from
input reference clock.
1
PLL mode. PLL is not bypassed. PLL output path is enabled. All the system clocks (SYSCLKn) are
divided down from PLL output.
(1)
The value of this register is changed by the ROM bootloader.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
165
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com