Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 169 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 165Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 166Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 167Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 168Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 169Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 170Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 171Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 172Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.9.3.6
PLL2 PLLDIV Ratio Change Status Register (DCHANGE)
Whenever a different ratio is written to the PLLDIVn registers, the PLLCTRL flags the change in the
PLLDIV ratio change status registers (DCHANGE). During the GO operation, the PLL controller will only
change the divide ratio of the SYSCLKs with the bit set in DCHANGE. Note that changed clocks will be
automatically aligned to other clocks. The PLLDIV divider ratio change status register is shown in
Figure 7-31 and described in Table 7-40.
31
16
Reserved
R-0
15
6
5
4
3
2
1
0
Reserved
SYSCLK18
SYSCLK17
SYSCLK16
SYSCLK15
SYSCLK14
SYSCLK13
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-31. PLLDIV Divider Ratio Change Status Register (DCHANGE)
Table 7-40. PLLDIV Divider Ratio Change Status Register (DCHANGE) Field Descriptions
Bit
Field
Value
Description
31:6
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
5
SYSCLK18
Identifies when the SYSCLK18 divide ratio has been modified.
0
SYSCLK18 ratio has not been modified. When GOSET is set, SYSCLK18 will not be affected.
1
SYSCLK18 ratio has been modified. When GOSET is set, SYSCLK18 will change to the new ratio.
4
SYSCLK17
Identifies when the SYSCLK17 divide ratio has been modified.
0
SYSCLK17 ratio has not been modified. When GOSET is set, SYSCLK17 will not be affected.
1
SYSCLK17 ratio has been modified. When GOSET is set, SYSCLK17 will change to the new ratio.
3
SYSCLK16
Identifies when the SYSCLK16 divide ratio has been modified.
0
SYSCLK16 ratio has not been modified. When GOSET is set, SYSCLK16 will not be affected.
1
SYSCLK16 ratio has been modified. When GOSET is set, SYSCLK16 will change to the new ratio.
2
SYSCLK15
Identifies when the SYSCLK15 divide ratio has been modified.
0
SYSCLK15 ratio has not been modified. When GOSET is set, SYSCLK15 will not be affected.
1
SYSCLK15 ratio has been modified. When GOSET is set, SYSCLK15 will change to the new ratio.
1
SYSCLK14
Identifies when the SYSCLK14 divide ratio has been modified.
0
SYSCLK14 ratio has not been modified. When GOSET is set, SYSCLK14 will not be affected.
1
SYSCLK14 ratio has been modified. When GOSET is set, SYSCLK14 will change to the new ratio.
0
SYSCLK13
Identifies when the SYSCLK13 divide ratio has been modified.
0
SYSCLK13 ratio has not been modified. When GOSET is set, SYSCLK13 will not be affected.
1
SYSCLK13 ratio has been modified. When GOSET is set, SYSCLK13 will change to the new ratio.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
169
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com