Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 172 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 168Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 169Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 170Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 171Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 172Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 173Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 174Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 175Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 269 page
background image
PLLV3
CLKIN3
PLLCTL
PLL3Controller
DDR2
clock
PLL3
PLLRST
PLLPWRDN
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.10 PLL3 and PLL3 Controller
The C6472 device includes a PLL3 and a software-programmable PLL3 controller. The PLL3 controller
generates the clock. The PLL multiply factor is set to x20 for PLL3.
NOTE
The PLL controller module as described in the TMS320C6472/TMS320TCI648x DSP
Software-Programmable Phase-Locked Loop (PLL) Controller User's Guide (literature
number SPRU806) includes a superset of features, some of which are not supported on the
C6472 DSP. The following sections describe the features that are supported; it should be
assumed that any feature not included in these sections is not supported by the C6472 DSP.
7.10.1 PLL3 Controller Device-Specific Information
7.10.1.1 Internal Clocks and Maximum Operating Frequencies
As shown in Figure 7-34, the PLL3 controller generates only one clock which is used for DDR2.
NOTE
There is a minimum and maximum operating frequency for CLKIN3 and DDR2 clock (the
multiplier is fixed). The clock generator must not be configured to exceed any of these
constraints. For the PLL clocks input and output frequencies, see Table 7-43.
Figure 7-34. PLL3 and PLL3 Controller
Table 7-43. PLL3 Clock Frequency Ranges
CLOCK SIGNAL
REQUIRED FREQUENCY
UNIT
CLKIN3
20 - 26.66
MHz
PLLOUT (DDR2 clock)
400 - 533.33
MHz
7.10.1.2 PLL3 Controller
The PLL3 controller provides the control to reset PLL3. It is also capable of placing it in a power-down
condition for systems where DDR2 EMIF is not being used.
7.10.1.3 PLL3 Stabilization, Lock, and Reset Times
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after device powerup. The PLL should not be operated until this stabilization time has
172
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com