Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 176 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 172Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 173Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 174Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 175Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 176Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 177Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 178Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 179Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.11 DDR2 Memory Controller
The 32-bit DDR2 Memory Controller bus of the C6472 is used to interface to JEDEC DDR2 SDRAM
devices. The DDR2 bus is designed to sustain a throughput of up to 2.13 GBps at a 533-MHz data rate
(267-MHz clock rate) as long as data requests are pending in the DDR2 Memory Controller. The DDR2
external bus only interfaces to DDR2 devices; it does not share the bus with any other types of
peripherals.
7.11.1 DDR2 Memory Controller Device-Specific Information
The approach to specifying interface timing for the DDR2 memory bus is different than on other interfaces
such as HPI and TSIP. For these other interfaces, the device timing was specified in terms of data manual
specifications and I/O buffer information specification (IBIS) models. For the C6472 DDR2 memory bus,
the approach is to specify compatible DDR2 devices and provide the printed circuit board (PCB) solution
and guidelines directly to the user. Texas Instruments (TI) has performed the simulation and system
characterization to ensure all DDR2 interface timings in this solution are met. The complete DDR2 system
solution is documented in the TMS320C6472/TMS320TCI6486 DDR2 Implementation Guidelines
application report (literature number SPRAAT7).
TI only supports designs that follow the board design guidelines outlined in the SPRAAT7
application report.
The DDR2 Memory Controller pins must be enabled by setting the DDREN configuration pin high during
device reset. The DDREN pin must remain high at all times if the DDR2 Memory Controller is enabled. If
DDREN is low, all data accessed destined for the DDR2 will be NULL terminated at the SCR. For more
details, see Section 3.1, Device Configuration at Device Reset. The DDR2 Memory Controller on the
TMS320C6472 device supports the following memory topologies:
•
A 32-bit wide configuration interfacing to two 16-bit wide DDR2 SDRAM devices.
•
A 16-bit wide configuration interfacing to a single 16-bit wide DDR2 SDRAM device.
7.11.2 DDR2 Memory Controller Peripheral Register Descriptions
Table 7-49. DDR2 Memory Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
7800 0000
MIDR
DDR2 Memory Controller Module and Revision Register
7800 0004
DMCSTAT
DDR2 Memory Controller Status Register
7800 0008
SDCFG
DDR2 Memory Controller SDRAM Configuration Register
7800 000C
SDRFC
DDR2 Memory Controller SDRAM Refresh Control Register
7800 0010
SDTIM1
DDR2 Memory Controller SDRAM Timing 1 Register
7800 0014
SDTIM2
DDR2 Memory Controller SDRAM Timing 2 Register
7800 0018
-
Reserved
7800 0020
BPRIO
DDR2 Memory Controller Burst Priority Register
7800 0024 - 7800 00E0
-
Reserved
7800 00E4
DMCCTL
DDR2 Memory Controller Control Register
7800 00E8 - 7FFF FFC
-
Reserved
176
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com