Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 174 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 170Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 171Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 172Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 173Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 174Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 175Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 176Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 177Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.10.3.1 PLL3 Peripheral ID Register
The peripheral identification register (PID) is a constant register that contains the ID and ID revision
number for that module. The PID stores version information used to identify the module. All bits within this
register are read-only (writes have no effect).
31
24 23
16 15
8
7
0
Reserved
TYPE
CLASS
REV
R-0
R-01
R-08
R-0D
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-35. Peripheral ID Register (PID)
Table 7-46. Peripheral ID Register (PID) Field Descriptions
Bit
Field
Value
Description
31:24
Reserved
Reserved
23:16
TYPE
01h
Peripheral Type
15:8
CLASS
08h
Peripheral Class
7
REV
0Dh
Peripheral Revision. Identifies the revision level of the specific instance of the peripheral.
7.10.3.2 PLL3 PLL Control Register (PLLCTL)
The PLL control register (PLLCTL) is shown in Figure 7-36 and described in Table 7-47.
31
16
Reserved
R-00 0001h
15
8
7
6
5
4
3
2
1
0
PLL
Reserved
Rsvd
Rsvd
Reserved
PLLRST
Rsvd
PLLEN
PWRDN
R-00 0001h
R/W-0
R-1
R/W-10
R/W-1
R-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-36. PLL Control Register (PLLCTL)
Table 7-47. PLL Control Register (PLLCTL) Field Descriptions(1)
Bit
Field
Value
Description
31:8
Reserved
Reserved. The reserved bit location is always read as 00 0001h. A value written to this field has no
effect.
7
Reserved
Reserved. Writes to this register must keep this bit as 0.
6
Reserved
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
5:4
Reserved
Reserved. Writes to this register must keep these bits as 10.
3
PLLRST
PLL reset bit
0
PLL reset is released
1
PLL reset is asserted
2
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
1
PLLPWRDN
PLL power-down mode select bit
0
PLL is operational
1
PLL is placed in power-down state; i.e., all analog circuitry in the PLL is turned-off
0
Reserved
Reserved. Writes to this register should set this bit as 1.
(1)
The value of this register is changed by the ROM bootloader.
174
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com