Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 173 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 169Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 170Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 171Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 172Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 173Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 174Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 175Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 176Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
expired. The PLL reset time is the amount of wait time needed when resetting the PLL (writing PLLRST =
1), in order for the PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For
the PLL3 reset time value, see Table 7-44. The PLL lock time is the amount of time needed from when the
PLL is taken out of reset to when the output clock is ready for use. The PLL3 lock time is given in
Table 7-44.
Table 7-44. PLL3 Stabilization, Lock, and Reset Times
MIN
TYP
MAX
UNIT
PLL3 stabilization time
150
μs
PLL3 lock time
2000 * C(1)
ns
PLL3 reset time
128 * C(1)
ns
(1)
C = CLKIN3 cycle time in ns. For example, when CLKIN3 frequency is 25 MHz, use C = 40 ns.
7.10.2 PLL3 Controller Peripheral Register Descriptions
The memory map of the PLL3 controller is shown in Table 7-45. Note that only registers documented here
are accessible on the C6472. Other addresses in the PLL3 controller memory map should not be
modified.
Table 7-45. PLL3 Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
029C 0400
PID
Constant Peripheral Identification Register
029C 0404 - 029C 04FC
-
Reserved
029C 0500
PLLCTL
PLL Control Register
029C 0504 - 029C 07FC
-
Reserved
7.10.3 PLL3 Controller Registers
This section provides a description of the PLL3 controller registers. For details on the operation of the PLL
controller module, see the TMS320C6472/TMS320TCI648x DSP Software-Programmable Phase-Locked
Loop (PLL) Controller User's Guide (literature number SPRU806).
NOTE
The PLL3 controller registers can only be accessed using the CPU or the emulator. Not all of
the
registers
documented
in
the
TMS320C6472/TMS320TCI648x
DSP
Software-Programmable Phase-Locked Loop (PLL) Controller User's Guide (literature
number SPRU806) are supported on the C6472. Only those registers documented in this
section are supported. Furthermore, only the bits within the registers described here are
supported. You should not write to any reserved memory location or change the value of
reserved bits.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
173
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com