Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 161 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 157Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 158Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 159Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 160Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 163Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 164Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.9
PLL2 and PLL2 Controller
The C6472 device includes a PLL2 and a software-programmable PLL2 controller. The PLL2 controller
generates different clocks required for Gigabit Ethernet. The PLL multiply factor is set to x20 for PLL2.
NOTE
The PLL controller module as described in the TMS320C6472/TMS320TCI648x DSP
Software-Programmable Phase-Locked Loop (PLL) Controller User's Guide (literature
number SPRU806) includes a superset of features, some of which are not supported on the
C6472 DSP. The following sections describe the features that are supported; it should be
assumed that any feature not included in these sections is not supported by the C6472 DSP.
7.9.1
PLL2 Controller Device-Specific Information
7.9.1.1
Internal Clocks and Maximum Operating Frequencies
As shown in Figure 7-25, the PLL2 controller generates EMAC reference clocks.
•
SYSCLK13 is used by RGMII0 (1000Mbps mode)
•
SYSCLK14 is used by RGMII0 (100Mbps mode) and GMII (1000Mbps mode)
•
SYSCLK15 is used by RGMII0 (10Mbps mode)
•
SYSCLK16 is used by RGMII1 (1000Mbps mode)
•
SYSCLK17 is used by RGMII1 (100Mbps mode)
•
SYSCLK18 is used by RGMII1 (10Mbps mode)
NOTE
There is a fixed operating frequency for CLKIN2 and SYSCLK13-18. The clock generator
must not be configured to exceed any of these constraints (certain combinations of external
clock input, internal dividers, and PLL multiply ratios might not be supported). For the PLL
clocks input and output frequencies, see Table 7-31.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
161
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com