Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 155Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 156Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 157Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 158Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 159Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 160Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.8.3.9
PLL1 SYSCLK Status Register (SYSTAT)
The SYSCLK status register (SYSTAT) shows the status of the system clocks (SYSCLKn). SYSTAT is
shown in Figure 7-22 and described in Table 7-28.
31
16
Reserved
R-0
15
10
9
8
Reserved
SYS10ON
SYS9ON
R-0
R-1
R-1
7
6
5
4
3
2
1
0
SYS8ON
SYS7ON
SYS6ON
SYS5ON
SYS4ON
SYS3ON
SYS2ON
SYS1ON
R-1
R-1
R-1
R-1
R-1
R-1
R-1
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-22. SYSCLK Status Register (SYSTAT)
Table 7-28. SYSCLK Status Register (SYSTAT) Field Descriptions
Bit
Field
Value
Description
31:10
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
9:0
SYSnON
SYSCLKn on status.
0
SYSCLKn is gated.
1
SYSCLKn is on.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
159
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com