Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 164 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 160Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 161Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 162Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 163Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 164Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 165Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 166Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 167Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.9.3
PLL2 Controller Registers
This section provides a description of the PLL2 controller registers. For details on the operation of the PLL
controller module, see the TMS320C6472/TMS320TCI648x DSP Software-Programmable Phase-Locked
Loop (PLL) Controller User's Guide (literature number SPRU806).
NOTE
Not
all
of
the
registers
documented
in
the
TMS320C6472/TMS320TCI648x
DSP
Software-Programmable Phase-Locked Loop (PLL) Controller User's Guide (literature
number SPRU806) are supported on the C6472. Only those registers documented in this
section are supported. Furthermore, only the bits within the registers described here are
supported. You should not write to any reserved memory location or change the value of
reserved bits.
7.9.3.1
PLL2 Peripheral ID Register (PID)
The peripheral identification register (PID) is a constant register that contains the ID and ID revision
number for that module. The PID stores version information used to identify the module. All bits within this
register are read-only (writes have no effect).
31
24 23
16 15
8
7
0
Reserved
TYPE
CLASS
REV
R-0
R-01
R-08
R-0D
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-26. Peripheral ID Register (PID)
Table 7-34. Peripheral ID Register (PID) Field Descriptions
Bit
Field
Value
Description
31:24
Reserved
Reserved
23:16
TYPE
01h
Peripheral Type
15:8
CLASS
08h
Peripheral Class
7
REV
0Dh
Peripheral Revision. Identifies the revision level of the specific instance of the peripheral.
164
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com