Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 242 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 242 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 238Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 239Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 240Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 241Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 242Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 243Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 244Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 245Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 269 page
background image
TIMIx
TIMOx
4
3
2
1
WDOUT
1
2
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.16.3 Timer Electrical Data/Timing
Table 7-139. Timing Requirements for Timer Input(1)
(see Figure 7-60)
500/625/700
NO.
UNIT
MIN
MAX
1
tw(TIMIxH)
Pulse duration, TIMIxH high
12P
ns
2
tw(TIMIxL)
Pulse duration, TIMIxL low
12P
ns
(1)
P = 1/CPU clock frequency in ns.
Table 7-140. Switching Characteristics Over Recommended Operating Conditions for Timer Output(1)
(see Figure 7-60)
500/625/700
NO.
UNIT
MIN
MAX
3
tw(TIMOxH)
Pulse duration, TIMOxH high
12P
ns
4
tw(TIMOxL)
Pulse duration, TIMOxL low
12P
ns
(1)
P = 1/CPU clock frequency in ns.
Figure 7-60. Timer Timing
Table 7-141. Switching Characteristics Over Recommended Operating Conditions for
Watchdog Timer Output(1)
(see Figure 7-61)
500/625/700
NO.
UNIT
MIN
MAX
Pulse duration, WDOUT high (minimum time between adjacent WDOUT
1
tw(WDOUTH)
12P
ns
indications)
2
tw(WDOUTL)
Pulse duration, WDOUT low (active output pulse)
12P
ns
(1)
P = 1/CPU clock frequency in ns.
Figure 7-61. WDOUT Timing
242
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com