Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 243 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 243 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 239Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 240Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 241Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 242Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 243Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 244Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 245Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 246Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.17 UTOPIA
7.17.1 UTOPIA Device-Specific Information
The Universal Test and Operations PHY Interface for ATM (UTOPIA) peripheral is a 50 MHz, 8-/16-Bit
Slave-only interface. The UTOPIA peripheral contains two, two-cell FIFOs, one for transmit and one for
receive, to buffer data sent/received at the interface. There is a transmit and a receive indication to the
PDMA to enable servicing.
For more detailed information on the UTOPIA peripheral, see the TMS320C6472/TMS320TCI6486 DSP
Universal Test
& Operations PHY Interface for ATM 2 (UTOPIA2) User's Guide (literature number
SPRUEG2).
7.17.2 UTOPIA Peripheral Register Descriptions
Table 7-142. UTOPIA Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02B4 0000
UCR
UTOPIA Control Register
02B4 0004 - 02B4 0010
-
Reserved
02B4 0014
CDR
Clock Detect Register
02B4 0018
EIER
Error Interrupt Enable Register
02B4 001C
EIPR
Error Interrupt Pending Register
02B4 0020
RRMR0
Receive Routing Unit Mask and Match Register 0
02B4 0024
RRMR1
Receive Routing Unit Mask and Match Register 1
02B4 0028
RRMR2
Receive Routing Unit Mask and Match Register 2
02B4 002C
RRMR3
Receive Routing Unit Mask and Match Register 3
02B4 0030
RRMR4
Receive Routing Unit Mask and Match Register 4
02B4 0034
RRMR5
Receive Routing Unit Mask and Match Register 5
02B4 0038 - 02B4 003C
-
Reserved
02B4 0040
RRSR
Receive Routing Select Register
02B4 0044 - 02B7 00FC
-
Reserved
02B40100
UPIDR
UTOPIA Peripheral ID Register
02B4 0104
UPWREMU
UTOPIA Power Management and Emulation Register
02B4 0108 - 02B7 FFFC
-
Reserved
Table 7-143. PDMA Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02BC 0000
PIR
Peripheral Identification Register
02BC 0004
GCSR
Global Control Status Register
02BC 0020
SR0
Statistics Register 0
02BC 0024
SR1
Statistics Register 1
02BC 0028 - 02BC 005C
-
Reserved
02BC 0060
PCR0
Peripheral Control Register 0
02BC 0064
PCR1
Peripheral Control Register 1
02BC 0068 - 02BC 00FC
-
Reserved
02BC 0100 - 02BC 010C
TXC0
TX0 Channel Proxy Registers (see Table 7-144)
02BC 0110 - 02BC 011C
TXC1
TX1 Channel Proxy Registers (see Table 7-144)
02BC 0120 - 02BC 012C
TXC2
TX2 Channel Proxy Registers (see Table 7-144)
02BC 0130 - 02BC 013C
TXC3
TX3 Channel Proxy Registers (see Table 7-144)
02BC 0140 - 02BC 014C
TXC4
TX4 Channel Proxy Registers (see Table 7-144)
02BC 0150 - 02BC 015C
TXC5
TX5 Channel Proxy Registers (see Table 7-144)
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
243
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com