Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 244 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 240Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 241Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 242Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 243Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 244Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 245Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 246Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 247Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-143. PDMA Global Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02BC 0180 - 02BC 018C
RXC0
RX0 Channel Proxy Registers (see Table 7-144)
02BC 0190 - 02BC 019C
RXC1
RX1 Channel Proxy Registers (see Table 7-144)
02BC 01A0 - 02BC 01AC
RXC2
RX2 Channel Proxy Registers (see Table 7-144)
02BC 01B0 - 02BC 01BC
RXC3
RX3 Channel Proxy Registers (see Table 7-144)
02BC 01C0 - 02BC 01CC
RXC4
RX4 Channel Proxy Registers (see Table 7-144)
02BC 01D0 - 02BC 01DC
RXC5
RX5 Channel Proxy Registers (see Table 7-144)
Table 7-144. PDMA Channel Proxy Registers
HEX ADDRESS OFFSET
ACRONYM
REGISTER NAME
00h
SAR
PDMA switch address register
04h
PAR
PDMA peripheral address register
08h
BSR
PDMA buffer size register Section
0Ch
TCR
PDMA transfer control register Section
244
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com