Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 32Page - Microchip Technology EMC2113_13 Datasheet HTML 33Page - Microchip Technology EMC2113_13 Datasheet HTML 34Page - Microchip Technology EMC2113_13 Datasheet HTML 35Page - Microchip Technology EMC2113_13 Datasheet HTML 36Page - Microchip Technology EMC2113_13 Datasheet HTML 37Page - Microchip Technology EMC2113_13 Datasheet HTML 38Page - Microchip Technology EMC2113_13 Datasheet HTML 39Page - Microchip Technology EMC2113_13 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 36
 2013 Microchip Technology Inc.
available that shares the DP2 and DN2 pins. When in this mode, both the external diode 2 channel
and external diode 3 channel thermal diodes must be connected as diodes.
6.14.1
Anti-Parallel Diodes
The EMC2113 supports connecting two external diodes to the DN2 / DP3 and DP2 / DN3 pins. This
second diode is connected in an anti-parallel configuration with respect to the first diode. When the
the External Diode 2 channel is measured, the anti-parallel diode will be reverse biased. Likewise,
when the External Diode 3 channel is measured, the first diode will be reverse biased. CPU diodes
should not be used with anti-parallel diode connections.
6.14.2
Diode Faults
The EMC2113 actively detects an open and short condition on each measurement channel. When a
diode fault is detected, the temperature data MSByte is forced to a value of 80h and the FAULT bit is
set in the Status Register. When the External Diode 2 channel is configured to operate in APD mode,
the circuitry will detect independent open fault conditions; however, a short condition will be shared
between the External Diode 2 and External Diode 3 channels.
Figure 6.6 Diode Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com